Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYR29X-800 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BYR29X-800
Descripción Electrónicos  Ultrafast power diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYR29X-800 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BYR29X-800_15 Datasheet HTML 2Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 3Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 4Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 5Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 6Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 7Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 8Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 9Page - NXP Semiconductors BYR29X-800_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BYR29X-800
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 12 July 2010
6 of 12
NXP Semiconductors
BYR29X-800
Ultrafast power diode
Fig 5.
Forward current as a function of forward
voltage
Fig 6.
Recovered charge as a function of rate of
change of forward current
Fig 7.
Reverse recovery definitions; ramp recovery
Fig 8.
Reverse recovery time as a function of rate of
change of forward current at indicated
temperatures; maximum values
VF (V)
03
2
1
003aaa472
10
20
30
IF
(A)
0
(1)
(2)
(3)
dIF/dt (A/μs)
1102
10
003aaa473
102
103
Qr
(nC)
10
(1)
(2)
003aac562
trr
time
100 %
25 %
IF
dlF
dt
IR
IRM
Qr
dIF/dt (A/μs)
1102
10
003aaa470
102
103
trr
(ns)
10
Tj = 25 °C
Tj = 100 °C
(1)
(2)


Número de pieza similar - BYR29X-800_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WeEn Semiconductors
BYR29X-800P WEEN-BYR29X-800P Datasheet
253Kb / 10P
   Ultrafast power diode
More results

Descripción similar - BYR29X-800_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYR29X-600 PHILIPS-BYR29X-600_15 Datasheet
173Kb / 12P
   Ultrafast power diode
Rev. 02-15 July 2010
BYV10ED-600P PHILIPS-BYV10ED-600P_15 Datasheet
194Kb / 11P
   Ultrafast power diode
24 July 2015
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
logo
WeEn Semiconductors
BYR5D-1200P WEEN-BYR5D-1200P Datasheet
383Kb / 10P
   Ultrafast power diode
BYT79B-600P WEEN-BYT79B-600P Datasheet
375Kb / 10P
   Ultrafast power diode
BYV5ED-600P WEEN-BYV5ED-600P Datasheet
458Kb / 10P
   Ultrafast power diode
BYV10-600P WEEN-BYV10-600P Datasheet
619Kb / 10P
   Ultrafast power diode
BYV60W-600P WEEN-BYV60W-600P Datasheet
458Kb / 11P
   Ultrafast power diode
BYV29G-600 WEEN-BYV29G-600 Datasheet
515Kb / 10P
   Ultrafast power diode
BYV29G-600P WEEN-BYV29G-600P Datasheet
438Kb / 10P
   Ultrafast power diode
BYW29E-200 WEEN-BYW29E-200 Datasheet
442Kb / 10P
   Ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com