Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM14LS0505SNZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM14LS0505SNZ
Descripción Electrónicos  0.25 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM14LS0505SNZ Datasheet(HTML) 2 Page - AIMTEC

  AM14LS0505SNZ Datasheet HTML 1Page - AIMTEC AM14LS0505SNZ Datasheet HTML 2Page - AIMTEC AM14LS0505SNZ Datasheet HTML 3Page - AIMTEC AM14LS0505SNZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1/4LS-NZ
0.25 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
KHz
Operating temperature
With derating above +100
-40 to +105
oC
Storage temperature
-55 to +125
oC
Cooling
Free air convection
Humidity
Non Condensing
95
% RH
Case material
Epoxy resin (UL94-V0)
Weight
1.5
g
Dimensions (L x W x H)
0.50 x 0.44 x 0.28 inches
12.70 x 11.20 x 7.25 mm
MTBF
>3500K hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)hours
Maximum soldering temperature
1.5mm from case for 10 sec
300
oC
Maximum case temperature
115
oC
Safety Specifications
Parameters
Agency Approval
Standards
EN55022 Class B (see recommended circuit)
IEC61000-4-2, Perf. Criteria B (ESD Contact +/- 6KV)
Pin Out Specifications and Dimensions
Pin
Single
1
- V Input
2
+ V Input
3
No Pin
4
.-V Output
5
+V Output
6
No Pin
7
No Pin
8
N.C.


Número de pieza similar - AM14LS0505SNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM14L0505SH30NZ AIMTEC-AM14L0505SH30NZ Datasheet
86Kb / 4P
   1/4 Watt | DC-DC Converter
AM14L0505SNZ AIMTEC-AM14L0505SNZ Datasheet
86Kb / 4P
   1/4 Watt | DC-DC Converter
AM14L1205SH30NZ AIMTEC-AM14L1205SH30NZ Datasheet
86Kb / 4P
   1/4 Watt | DC-DC Converter
AM14L1205SNZ AIMTEC-AM14L1205SNZ Datasheet
86Kb / 4P
   1/4 Watt | DC-DC Converter
AM14L1212SH30NZ AIMTEC-AM14L1212SH30NZ Datasheet
86Kb / 4P
   1/4 Watt | DC-DC Converter
More results

Descripción similar - AM14LS0505SNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Bothhand USA, LP.
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM8T-Z AIMTEC-AM8T-Z_16 Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com