Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA62723FMG Datasheet(PDF) 10 Page - Marktech Corporate

No. de pieza TCA62723FMG
Descripción Electrónicos  Three-Channel Constant-Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62723FMG Datasheet(HTML) 10 Page - Marktech Corporate

Back Button TCA62723FMG_15 Datasheet HTML 5Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 6Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 7Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 8Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 9Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 10Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 11Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 12Page - Marktech Corporate TCA62723FMG_15 Datasheet HTML 13Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TCA62723FMG
2010-06-10
10
Notes on Contents
1. Block Diagrams
Some of the functional blocks, circuits, or constants in the block diagram may be omitted or simplified for explanatory
purposes.
2. Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
3. Timing Charts
Timing charts may be simplified for explanatory purposes.
4. Application Circuits
The application circuits shown in this document are provided for reference purposes only. Thorough evaluation is
required, especially at the mass production design stage.
Toshiba does not grant any license to any industrial property rights by providing these examples of application
circuits.
5. Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These components
and circuits are not guaranteed to prevent malfunction or failure from occurring in the application equipment.
IC Usage Considerations
Notes on handling of ICs
[1] The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for
a moment. Do not exceed any of these ratings.
Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by
explosion or combustion.
[2] Use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over
current and/or IC failure. The IC will fully break down when used under conditions that exceed its absolute
maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or
load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. To minimize the
effects of the flow of a large current in case of breakdown, appropriate settings, such as fuse capacity, fusing time
and insertion circuit location, are required.
[3] If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the design to
prevent device malfunction or breakdown caused by the current resulting from the inrush current at power ON or
the negative current resulting from the back electromotive force at power OFF. IC breakdown may cause injury,
smoke or ignition.
Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable, the protection
function may not operate, causing IC breakdown. IC breakdown may cause injury, smoke or ignition.
[4] Do not insert devices in the wrong orientation or incorrectly.
Make sure that the positive and negative terminals of power supplies are connected properly.
Otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the
rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or
combustion.
In addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly
even just one time.
[5] Carefully select external components (such as inputs and negative feedback capacitors) and load components
(such as speakers), for example, power amp and regulator.
If there is a large amount of leakage current such as input or negative feedback condenser, the IC output DC
voltage will increase. If this output voltage is connected to a speaker with low input withstand voltage, overcurrent
or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition from the IC itself.) In
particular, please pay attention when using a Bridge Tied Load (BTL) connection type IC that inputs output DC
voltage to a speaker directly.


Número de pieza similar - TCA62723FMG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
247Kb / 11P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
291Kb / 13P
   Three-Channel Constant-Current LED Driver
More results

Descripción similar - TCA62723FMG_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
392Kb / 14P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
247Kb / 11P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
291Kb / 13P
   Three-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
BS0815 ETC2-BS0815 Datasheet
312Kb / 13P
   Three-channel LED constant current driver chip
logo
Inventronics Inc.
EUC-108TXXXDT INVENTRONICS-EUC-108TXXXDT Datasheet
863Kb / 10P
   108W Three-channel Constant Current IP67 Driver
Rev. E
EUC-120TXXXDV INVENTRONICS-EUC-120TXXXDV Datasheet
983Kb / 11P
   120W Three-channel Constant Current IP67 Driver
Rev. L
EUC-120TXXXDT INVENTRONICS-EUC-120TXXXDT Datasheet
987Kb / 11P
   120W Three-channel Constant Current IP67 Driver
Rev. J
EUC-180T210DT INVENTRONICS-EUC-180T210DT Datasheet
627Kb / 8P
   180W Three-channel Constant Current Outdoor Driver
Rev. D
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com