Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC_AHCT1G07 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AHC_AHCT1G07
Descripción Electrónicos  Buffer with open-drain output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT1G07 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC_AHCT1G07_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT1G07_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74AHC_AHCT1G07
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 18 November 2014
2 of 12
NXP Semiconductors
74AHC1G07; 74AHCT1G07
Buffer with open-drain output
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking[1]
74AHC1G07GW
AS
74AHC1G07GV
A07
74AHCT1G07GW
CS
74AHCT1G07GV
C07
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
Fig 4.
Pin configuration
Table 3.
Pin description
Symbol
Pin
Description
n.c.
1
not connected
A
2
data input
GND
3
ground (0 V)
Y
4
data output
VCC
5
supply voltage


Número de pieza similar - 74AHC_AHCT1G07_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC_AHCT1G04 PHILIPS-74AHC_AHCT1G04_15 Datasheet
158Kb / 14P
   Inverter
Rev. 9-10 March 2015
More results

Descripción similar - 74AHC_AHCT1G07_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com