Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16952 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ALVCH16952
Descripción Electrónicos  16-bit registered transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16952 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH16952_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74ALVCH16952_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2006
2 of 17
Philips Semiconductors
74ALVCH16952
16-bit registered transceiver; 3-state
4.
Ordering information
5.
Functional diagram
Table 2.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
DGG
−40 °C to +85 °C
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
Fig 1.
Logic symbol
1A6
1A7
1OEBA
1OEAB
1CEAB
1CEBA
56 1
354 2
55
1CPAB
1CPBA
14
13
1A0
1A1
1A2
1A3
1A4
1A5
12
10
9
8
6
5
1B6
1B7
43
44
1B0
1B1
1B2
1B3
1B4
1B5
45
47
48
49
51
52
001aae552
2A6
2A7
2OEBA
2OEAB
2CEAB
2CEBA
29 28 26 31 27 30
2CPAB
2CPBA
24
23
2A0
2A1
2A2
2A3
2A4
2A5
22
20
19
17
16
15
2B6
2B7
33
34
2B0
2B1
2B2
2B3
2B4
2B5
36
37
38
40
41
42


Número de pieza similar - 74ALVCH16952_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16952DGG PHILIPS-74ALVCH16952DGG Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Nexperia B.V. All right...
74ALVCH16952DGG NEXPERIA-74ALVCH16952DGG Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
Texas Instruments
74ALVCH16952DGGRG4 TI1-74ALVCH16952DGGRG4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16952DGVRE4 TI1-74ALVCH16952DGVRE4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16952DGVRG4 TI1-74ALVCH16952DGVRG4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ALVCH16952_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com