Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH162601 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74ALVCH162601
Descripción Electrónicos  18-bit universal bus transceiver with 30 W termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH162601_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH162601_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Oct 14
7
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
Fig.4 IEC logic symbol.
handbook, halfpage
EN4
C6
G5
G5
54
3
5
17
52
40
6
19
51
38
8
20
49
37
9
21
48
36
10
23
47
34
12
24
45
33
13
26
44
31
A0
B11
B12
B13
B14
B15
B16
B17
MNA290
B0
B1
B2
B3
B4
B5
B6
B7
1
3D
4
6D
28
14
43
15
42
16
41
B8
B9
B10
A11
A12
A13
A14
A15
A16
A17
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
27
29
OEBA
CEBA
CPBA
LEBA
30
5C6
EN1
C3
G2
G2
2
1
56
OEAB
CEAB
CPAB
LEAB
55
2C3
handbook, halfpage
MNA288
A0
A1
A2
A3
A4
A5
A6
A7
OEAB
LEAB
CPAB
CEAB
B0
B1
B2
B3
B4
B5
B6
B7
52
54
51
49
48
47
45
44
5
3
6
8
9
10
12
13
1
2
55
56
27
28
30
29
A8
A9
A10
A11
A12
A13
A14
A15
B8
B9
B10
B11
B12
B13
B14
B15
42
43
41
40
38
37
36
34
15
14
16
17
19
20
21
23
A16
A17
B16
B17
33
31
24
26
OEBA
LEBA
CPBA
CEBA
Fig.5 Logic symbol.


Número de pieza similar - 74ALVCH162601_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH162601DGG PHILIPS-74ALVCH162601DGG Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601DLRG4 TI-74ALVCH162601DLRG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601GRE4 TI-74ALVCH162601GRE4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ALVCH162601_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601 Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com