Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1GU04 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74AUP1GU04
Descripción Electrónicos  Low-power unbuffered inverter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1GU04 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1GU04_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 9Page - NXP Semiconductors 74AUP1GU04_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74AUP1GU04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 29 June 2012
6 of 21
NXP Semiconductors
74AUP1GU04
Low-power unbuffered inverter
VOL
LOW-level output voltage
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.5
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.9
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 0.8 V to 3.6 V
0.75
 V
CC
--
V
VIL
LOW-level input voltage
VCC = 0.8 V to 3.6 V
-
-
0.25
 V
CC
V
VOH
HIGH-level output voltage
IO = 20 A; VCC = 0.8 V to 3.6 V
VCC  0.11 -
-
V
IO = 1.1 mA; VCC = 1.1 V
0.6
 V
CC
--
V
IO = 1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO = 1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO = 2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = 3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = 2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = 4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.75
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
1.4
A
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - 74AUP1GU04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GM PHILIPS-74AUP1GU04GM Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GM NXP-74AUP1GU04GM Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04GM NEXPERIA-74AUP1GU04GM Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP1GU04GN NXP-74AUP1GU04GN Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
More results

Descripción similar - 74AUP1GU04_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com