Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16600 Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74ALVCH16600
Descripción Electrónicos  18-bit universal bus transceiver (3-State)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16600 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVCH16600_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16600_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74ALVCH16600
18-bit universal bus transceiver (3-State)
1998 Sep 24
10
AC WAVEFORMS
VCC = 2.3 TO 2.7 V RANGE
1. VM = 0.5 V
2. VX = VOL + 0.15V
3. VY = VOH – 0.15V
4. VI = VCC
5. VOL and VOH are the typical output voltage drop that occur with
the output load.
VCC = 3.0 TO 3.6 V RANGE AND VCC = 2.7 V
1. VM = 1.5 V
2. VX = VOL + 0.3V
3. VY = VOH – 0.3V
4. VI = 2.7 V
5. VOL and VOH are the typical output voltage drop that occur with
the output load.
SW00083
An, Bn
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
Bn, An
OUTPUT
Waveform 1. Input (An, Bn) to output (Bn, An) propagation
delay times
SW00084
CPXX
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
An, Bn
OUTPUT
tW
LEXX
INPUT
Waveform 2. Latch enable input (LEAB, LEBA) and clock pulse
input (CPAB, CPBA) to output (An, Bn) propagation delays and
latch enable pulse width
tPLZ
tPZL
VI
OEXX INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
en-
abled
outputs
en-
abled
outputs
dis-
abled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00127
Waveform 3. 3-State enable and disable times
VM
An, Bn
INPUT
VM
tSU
NOTE: The unshaded areas indicate when the input is permitted to change for
predictable output performance.
SW00093
tSU
th
VI
GND
VI
GND
CPXX, LEXX
INPUT
th
Waveform 4. Data set-up and hold times for the An and Bn
inputs to the LEAB, LEBA, CPAB and CPBA inputs


Número de pieza similar - 74ALVCH16600_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results

Descripción similar - 74ALVCH16600_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com