Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AVCM162834_2 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AVCM162834_2
Descripción Electrónicos  18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCM162834_2 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AVCM162834_2_15 Datasheet HTML 1Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 2Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 3Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCM162834_2_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74AVCM162834
18-bit registered driver with inverted register enable
and 15
Ω termination resistors (3-State)
2
2001 Apr 20
853–2169 26096
FEATURES
Wide supply voltage range of 1.2 V to 3.6 V
Complies with JEDEC standard no. 8-1A/5/7.
CMOS low power consumption
Input/output tolerant up to 3.6 V
Low inductance multiple V
CC and GND pins for minimum noise
and ground bounce
Integrated 15 Ω termination resistors to minimize output overshoot
and undershoot
Full PC133 solution provided when used with PCK2510S and
CBT16292
DESCRIPTION
The 74AVCM162834 is an 18-bit universal bus driver. Data flow is
controlled by output enable (OE), latch enable (LE) and clock inputs
(CP).
This product is designed to have an extremely fast propagation
delay and a minimum amount of power consumption.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor (Live
Insertion).
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
NC
NC
Y0
Y1
Y2
Y3
Y4
Y5
GND
VCC
GND
Y6
Y7
Y8
Y9
Y10
Y11
GND
Y12
Y13
Y14
VCC
Y15
Y16
GND
Y17
OE
LE
GND
NC
A0
GND
A1
A2
VCC
A3
A4
A5
GND
A6
A7
A8
A9
A10
A11
GND
A12
A13
A14
VCC
A15
A16
GND
A17
CP
GND
SH00156
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf ≤ 2.0 ns; CL = 30 pF.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Yn
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
2.6
2.0
1.7
ns
tPHL/tPLH
Propagation delay
LE to Yn;
CP to Yn
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
2.9
2.3
1.9
ns
CI
Input capacitance
5.0
pF
C
Power dissipation capacitance per buffer
V = GND to VCC1
Outputs enabled
25
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
Output disabled
6
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
ORDER CODE
DRAWING
NUMBER
56-Pin Plastic Thin Shrink Small Outline (TSSOP) Type II
–40 to +85
°C
74AVCM162834DGG
SOT364-1


Número de pieza similar - 74AVCM162834_2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AVCM162834DGG PHILIPS-74AVCM162834DGG Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
More results

Descripción similar - 74AVCM162834_2_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A NXP-74ALVC162334A Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
74ALVC162334A PHILIPS-74ALVC162334A_15 Datasheet
124Kb / 19P
   16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
Rev. 03-13 December 2006
74AVCM162834 PHILIPS-74AVCM162834 Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
logo
NXP Semiconductors
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com