Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLMS6702PBF-1 Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRLMS6702PBF-1
Descripción Electrónicos  Industry-standard pinout Micro-6 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6702PBF-1 Datasheet(HTML) 3 Page - International Rectifier

  IRLMS6702PBF-1 Datasheet HTML 1Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 2Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 3Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 4Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 5Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 6Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 7Page - International Rectifier IRLMS6702PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRLMS6702PbF-1
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
0.1
1
10
100
0.1
1
10
DS
20μs PULSE WIDTH
T = 25°C
A
-V
, Drain-to-Source Voltage (V)
J
-1.75V
VGS
TOP
- 7.5V
- 5.0V
- 4.0V
- 3.5V
- 3.0V
- 2.5V
- 2.0V
BOTTOM -1.75V
0.1
1
10
100
0.1
1
10
DS
20μs PULSE WIDTH
T = 150°C
A
-V
, Drain-to-Source Voltage (V)
J
-1.75V
VGS
TOP
- 7.5V
- 5.0V
- 4.0V
- 3.5V
- 3.0V
- 2.5V
- 2.0V
BOTTOM -1.75V
0.1
1
10
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20μs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
I = -1.6A
V
= -4.5V
D
GS


Número de pieza similar - IRLMS6702PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLMS6702PBF IRF-IRLMS6702PBF Datasheet
174Kb / 8P
   Generation V Technology, Micro6 Package Style, Ultra Low RDS
IRLMS6702PBF IRF-IRLMS6702PBF Datasheet
174Kb / 8P
   GENERATION V TECHNOLOGY
IRLMS6702PBF IRF-IRLMS6702PBF_15 Datasheet
174Kb / 8P
   GENERATION V TECHNOLOGY
More results

Descripción similar - IRLMS6702PBF-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7509PBF-1 IRF-IRF7509PBF-1_15 Datasheet
243Kb / 8P
   Industry-standard pinout Micro-8 Package
IRF5801PBF-1 IRF-IRF5801PBF-1 Datasheet
203Kb / 8P
   Industry-standard pinout TSOP-6 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRLML0030PBF-1 IRF-IRLML0030PBF-1_15 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com