Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR3103PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLR3103PBF
Descripción Electrónicos  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLR3103PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR3103PBF Datasheet HTML 1Page - International Rectifier IRLR3103PBF Datasheet HTML 2Page - International Rectifier IRLR3103PBF Datasheet HTML 3Page - International Rectifier IRLR3103PBF Datasheet HTML 4Page - International Rectifier IRLR3103PBF Datasheet HTML 5Page - International Rectifier IRLR3103PBF Datasheet HTML 6Page - International Rectifier IRLR3103PBF Datasheet HTML 7Page - International Rectifier IRLR3103PBF Datasheet HTML 8Page - International Rectifier IRLR3103PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRLR/U3103PbF
HEXFET® Power MOSFET
S
D
G
VDSS = 30V
RDS(on) = 0.019Ω
ID = 55A…
Description
12/7/04
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
55
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
39
…
A
IDM
Pulsed Drain Current
‡
220
PD @TC = 25°C
Power Dissipation
107
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚‡
240
mJ
IAR
Avalanche Current
‡
34
A
EAR
Repetitive Avalanche Energy
‡
11
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient (PCB mount) **
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D-PAK
TO-252AA
I-PAK
TO-251AA
l Logic-Level Gate Drive
l Ultra Low On-Resistance
l Surface Mount (IRLR3103)
l Straight Lead (IRLU3103)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD - 95085A
www.irf.com
1


Número de pieza similar - IRLR3103PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR3103PBF IRF-IRLR3103PBF Datasheet
291Kb / 11P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRLR3103PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com