Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX3080 Datasheet(PDF) 5 Page - Maxim Integrated Products

No. de pieza MAX3080
Descripción Electrónicos  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3080 Datasheet HTML 1Page - Maxim Integrated Products MAX3080 Datasheet HTML 2Page - Maxim Integrated Products MAX3080 Datasheet HTML 3Page - Maxim Integrated Products MAX3080 Datasheet HTML 4Page - Maxim Integrated Products MAX3080 Datasheet HTML 5Page - Maxim Integrated Products MAX3080 Datasheet HTML 6Page - Maxim Integrated Products MAX3080 Datasheet HTML 7Page - Maxim Integrated Products MAX3080 Datasheet HTML 8Page - Maxim Integrated Products MAX3080 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
_______________________________________________________________________________________
5
SWITCHING CHARACTERISTICS—MAX3083–MAX3085, and MAX3089 with SRL = VCC
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Figures 7 and 9, RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 7 and 9, RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 7 and 9, RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 6 and 12, CL = 100pF, S2 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 8 and 10, CL = 15pF, S2 closed
Figures 6 and 12, CL = 100pF, S1 closed
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID ≤ 15ns
(Note 5)
Figures 6 and 12, CL = 100pF, S2 closed
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID ≤ 15ns
Figures 8 and 10, CL = 15pF, S2 closed
Figures 8 and 10, CL = 100pF, S2 closed
Figures 8 and 10, CL = 100pF, S1 closed
Figures 6 and 12, CL = 100pF, S1 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 6 and 12, CL = 100pF, S2 closed
CONDITIONS
ns
3500
tRZH(SHDN)
Receiver Enable from Shutdown
to Output High
ns
4500
tDZL(SHDN)
Driver Enable from Shutdown to
Output Low
ns
4500
tDZH(SHDN)
Driver Enable from Shutdown to
Output High
ns
50
200
600
tSHDN
Time to Shutdown
ns
20
50
tRHZ
Receiver Disable Time from
High
ns
20
50
tRLZ
Receiver Disable Time from Low
ns
20
50
tRZH
Receiver Enable to Output High
ns
200
530
750
tDR, tDF
Driver Rise or Fall Time
ns
-3
±100
tDSKEW
ns
250
720
1000
tDPLH
Driver Input to Output
Driver Output Skew
| tDPLH - tDPHL |
ns
20
50
tRZL
Receiver Enable to Output Low
ns
3±30
tRSKD
| tRPLH - tRPHL | Differential
Receiver Skew
ns
127
200
tRPLH,
tRPHL
Receiver Input to Output
ns
100
tDHZ
Driver Disable Time from High
kbps
500
fMAX
Maximum Data Rate
ns
2500
tDZH
Driver Enable to Output High
ns
2500
tDZL
Driver Enable to Output Low
ns
100
tDLZ
Driver Disable Time from Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
tDPHL
Figures 6 and 12, CL = 100pF, S1 closed
ns
3500
tRZL(SHDN)
Receiver Enable from Shutdown
to Output Low
250
720
1000


Número de pieza similar - MAX3080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX3080 MAXIM-MAX3080 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3080CPD MAXIM-MAX3080CPD Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CPD MAXIM-MAX3080CPD Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results

Descripción similar - MAX3080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com