Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT151 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74HC_HCT151
Descripción Electrónicos  8-input multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT151 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC_HCT151_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74HC_HCT151
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 26 January 2015
9 of 19
NXP Semiconductors
74HC151; 74HCT151
8-input multiplexer
[1]
tpd is the same as tPLH and tPHL.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI =GND to VCC
[3]
-40
-
-
-
-
-
pF
74HCT151
tpd
propagation
delay
In to Y; see Figure 5
[1]
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
In to Y; see Figure 5
[1]
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
Sn to Y; see Figure 6
[1]
VCC = 4.5 V
-
23
41
-
51
-
62
ns
VCC =5V; CL =15pF
-
20
-
-
-
-
-
ns
Sn to Y; see Figure 6
[1]
VCC = 4.5 V
-
25
43
-
54
-
65
ns
VCC =5V; CL =15pF
-
20
-
-
-
-
-
ns
E to Y; see Figure 6
[1]
VCC = 4.5 V
-
16
29
-
36
-
44
ns
VCC =5V; CL =15pF
-
13
-
-
-
-
-
ns
E to Y; see Figure 6
[1]
VCC = 4.5 V
-
21
36
-
45
-
54
ns
VCC =5V; CL =15pF
-
18
-
-
-
-
-
ns
tt
transition
time
Y, Y; see Figure 5
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI = GND to VCC  1.5 V
[3]
-40
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max


Número de pieza similar - 74HC_HCT151_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
More results

Descripción similar - 74HC_HCT151_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com