Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT259 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74HC_HCT259
Descripción Electrónicos  8-bit addressable latch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT259 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC_HCT259_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT259_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
4 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
d = HIGH or LOW data one set-up time prior to the LOW-to-HIGH LE transition;
q = lower case letter indicates the state of the referenced input one set-up time prior to the LOW-to-HIGH transition.
Table 2.
Pin description
Symbol
Pin
Description
A0, A1, A2
1, 2, 3
address input
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
4, 5, 6, 7, 9, 10, 11, 12 latch output
GND
8
ground (0 V)
D
13
data input
LE
14
latch enable input (active LOW)
MR
15
conditional reset input (active LOW)
VCC
16
supply voltage
Table 3.
Function table[1]
Operating mode
Input
Output
MR
LE
D
A0
A1
A2
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Reset (clear)
L
H
X
X
X
X
LLLLLLLL
Demultiplexer
(active HIGH 8-channel)
decoder (when D = H)
L
L
d
L
L
L
Q = d LLLLLLL
L
L
d
H
L
L
LQ = d LLLLLL
L
L
d
L
H
L
LLQ = d LLLLL
L
L
d
H
H
L
LLLQ = d LLLL
L
L
d
L
L
H
LLLLQ = d LLL
L
L
d
H
L
H
LLLLLQ = d LL
L
L
d
L
H
H
LLLLLLQ = d L
L
L
d
H
H
H
LLLLLLLQ = d
Memory (no action)
H
H
X
X
X
X
q0
q1
q2
q3
q4
q5
q6
q7
Addressable latch
H
L
d
L
L
L
Q = d q1
q2
q3
q4
q5
q6
q7
HL
d
HL
L
q0
Q=d q2
q3
q4
q5
q6
q7
HL
d
L
HL
q0
q1
Q=d q3
q4
q5
q6
q7
HL
d
HHL
q0
q1
q2
Q=d q4
q5
q6
q7
H
Ld
LLH
q0
q1
q2
q3
Q=d q5
q6
q7
HL
d
HL
H
q0
q1
q2
q3
q4
Q=d q6
q7
HL
d
L
HH
q0
q1
q2
q3
q4
q5
Q=d q7
HL
d
HHH
q0
q1
q2
q3
q4
q5
q6
Q=d


Número de pieza similar - 74HC_HCT259_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
More results

Descripción similar - 74HC_HCT259_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com