Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT423 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74HC_HCT423
Descripción Electrónicos  Dual retriggerable monostable multivibrator with reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT423 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC_HCT423_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT423_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74HC_HCT423
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 19 December 2011
8 of 24
NXP Semiconductors
74HC423; 74HCT423
Dual retriggerable monostable multivibrator with reset
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V; test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to
+85
C
40 C to
+125
C
Unit
Min
Typ
Max
Min Max Min Max
74HC423
tpd
propagation
delay
nA or nB to nQ or nQ; REXT =5k;
CEXT = 0 pF; see Figure 7
[1]
VCC = 2.0 V
-
80
255
-
320
-
385 ns
VCC = 4.5 V
-
29
51
-
64
-
77
ns
VCC = 5.0 V; CL =15pF
-
25
-
-
-
-
-
ns
VCC = 6.0 V
-
23
43
-
54
-
65
ns
nRD to nQ or nQ; see Figure 7
[1]
VCC = 2.0 V
-
66
215
-
270
-
325 ns
VCC = 4.5 V
-
24
43
-
54
-
65
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
VCC = 6.0 V
-
19
37
-
46
-
55
ns
tt
transition time
see Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110 ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
nA input LOW; see Figure 7 and Figure 8
VCC = 2.0 V
100
11
-
125
-
150
-
ns
VCC = 4.5 V
20
4
-
25
-
30
-
ns
VCC = 6.0 V
17
3
-
21
-
26
-
ns
nB input HIGH; see Figure 7 and Figure 8
VCC = 2.0 V
100
17
-
125
-
150
-
ns
VCC = 4.5 V
20
6
-
25
-
30
-
ns
VCC = 6.0 V
17
5
-
21
-
26
-
ns
nRD input LOW; see Figure 7 and Figure 8
VCC = 2.0 V
100
14
-
125
-
150
-
ns
VCC = 4.5 V
20
5
-
25
-
30
-
ns
VCC = 6.0 V
17
4
-
21
-
26
-
ns
nQ HIGH or nQ LOW; VCC =5.0 V;
REXT =10k; CEXT = 100 nF;
see Figure 7 and Figure 8
-
450
-
-
-
-
-
s
nQ HIGH or nQ LOW; VCC =5.0 V;
REXT =5k; CEXT =0pF;
VI =GND to VCC;
see Figure 7 and Figure 8
[3]
-
75
-
--
--
ns
trtrig
retrigger time
nA or nB input; VCC =5.0 V; REXT =5k;
CEXT = 0 pF; see Figure 10
[4]
-110
-
-
-
-
-
ns


Número de pieza similar - 74HC_HCT423_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
   BCD to decimal decoder (1-of-10)
December 1990
More results

Descripción similar - 74HC_HCT423_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com