Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1060 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza 2SA1060
Descripción Electrónicos  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1060 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1060_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1060_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1060_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
2
Silicon PNP Power Transistors
2SA1060
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-80
V
VCEsat
Collector-emitter saturation voltage
IC=-3A ;IB=-0.3A
-2.0
V
VBE
Base-emitter on voltage
IC=-3A;VCE=-5V
-1.8
V
ICBO
Collector cut-off current
VCB=-80V; IE=0
-50
μA
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-50
μA
hFE-1
DC current gain
IC=-20mA ; VCE=-5V
20
hFE-2
DC current gain
IC=-1A ; VCE=-5V
40
200
hFE-3
DC current gain
IC=-3A ; VCE=-5V
20
fT
Transition frequency
IC=-0.5A ; VCE=-5V
20
MHz
hFE-2 Classifications
R
Q
P
40-80
60-120
100-200


Número de pieza similar - 2SA1060_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SA1060 PANASONIC-2SA1060 Datasheet
98Kb / 2P
   SILICON EPITAXAL BASE VLESA TRANSISTOR
logo
Inchange Semiconductor ...
2SA1060 ISC-2SA1060 Datasheet
122Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1060 SAVANTIC-2SA1060 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1060 JMNIC-2SA1060 Datasheet
265Kb / 3P
   Silicon PNP Power Transistors
2SA1060 JMNIC-2SA1060 Datasheet
265Kb / 3P
   Silicon PNP Power Transistors
More results

Descripción similar - 2SA1060_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com