Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5Y1310CM Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF5Y1310CM
Descripción Electrónicos  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5Y1310CM Datasheet(HTML) 2 Page - International Rectifier

  IRF5Y1310CM_15 Datasheet HTML 1Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 2Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 3Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 4Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 5Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 6Page - International Rectifier IRF5Y1310CM_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF5Y1310CM
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.114
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.044
VGS = 10V, ID = 18A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
14
S ( )VDS = 25V, IDS = 18A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS = 100V ,VGS=0V
250
VDS = 80V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
110
VGS =10V, ID = 18A
Qgs
Gate-to-Source Charge
15
nC
VDS = 80V
Qgd
Gate-to-Drain (‘Miller’) Charge
58
td(on)
Turn-On Delay Time
19
VDD = 50V, ID = 18A,
tr
Rise Time
85
VGS =10V, RG = 3.6Ω
td(off)
Turn-Off Delay Time
65
tf
Fall Time
54
LS + LD
Total Inductance
6.8
Ciss
Input Capacitance
1872
VGS = 0V, VDS = 25V
Coss
Output Capacitance
463
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
234
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.25
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
18*
ISM
Pulse Source Current (Body Diode) ➀
——
72
VSD
Diode Forward Voltage
1.3
V
Tj = 25°C, IS = 18A, VGS = 0V ➃
trr
Reverse Recovery Time
270
ns
Tj = 25°C, IF = 18A, di/dt ≥ 100A/µs
QRR Reverse Recovery Charge
1.8
µCVDD ≤30V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Measured from drain lead (6mm/
0.25in. from package) to source
lead (6mm/0.25in. from package)
* Current is limited by package


Número de pieza similar - IRF5Y1310CM_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5Y1310CM IRF-IRF5Y1310CM Datasheet
107Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
More results

Descripción similar - IRF5Y1310CM_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com