Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT9115_CNV Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC_HCT9115_CNV
Descripción Electrónicos  Nine wide Schmitt trigger buffer; open drain outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT9115_CNV Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC_HCT9115_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT9115_CNV_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Nine wide Schmitt trigger buffer;
open drain outputs
74HC/HCT9115
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5, 6, 7, 8, 9
A0 to A8
data inputs
10
GND
ground (0 V)
19, 18, 17, 16, 15, 14, 13, 12, 11
Y0 to Y8
data outputs
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic diagram.
alfpage
MBA016
1
2
3
4
5
6
7
8
9
A 8
A 0
A 3
A 1
A 5
A 4
A 2
A 6
A 7
Y 8
Y 0
Y 3
Y 1
Y 5
Y 4
Y 2
Y 6
Y 7
19
18
12
14
15
11
13
16
17
Fig.3 IEC logic diagram.
fpage
3
4
5
6
7
8
9
11
12
13
14
15
16
17
1
218
19
MBA013


Número de pieza similar - 74HC_HCT9115_CNV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC-HCT1G00-Q100 NEXPERIA-74HC-HCT1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC-HCT283 PHILIPS-74HC-HCT283 Datasheet
65Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Nexperia B.V. All right...
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results

Descripción similar - 74HC_HCT9115_CNV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
Nexperia B.V. All right...
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
   Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74HCT9115 NEXPERIA-74HCT9115 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74HCT9114 NEXPERIA-74HCT9114 Datasheet
191Kb / 13P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
Rev. 3 - 2 October 2017
logo
NXP Semiconductors
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
74HC9015 PHILIPS-74HC9015 Datasheet
46Kb / 7P
   Nine wide Schmitt trigger buffer/line driver
December 1990
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
   Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
   Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
logo
Texas Instruments
SN74HCS05 TI1-SN74HCS05 Datasheet
276Kb / 15P
[Old version datasheet]   SN74HCS05 Hex Inverter with Open-Drain Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com