Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC_HCT4511_CNV Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC_HCT4511_CNV
Descripción Electrónicos  BCD to 7-segment latch/decoder/driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4511_CNV Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC_HCT4511_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4511_CNV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
December 1990
3
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
74HC/HCT4511
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
3
LT
lamp test input (active LOW)
4
BI
ripple blanking input (active LOW)
5
LE
latch enable input (active LOW)
7, 1, 2, 6
D1 to D4
BCD address inputs
8
GND
ground (0 V)
13, 12, 11, 10, 9, 15, 14
Qa to Qg
segments outputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Número de pieza similar - 74HC_HCT4511_CNV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
   4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
   4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
More results

Descripción similar - 74HC_HCT4511_CNV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com