Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9ZXL1230 Datasheet(PDF) 4 Page - Integrated Device Technology

No. de pieza 9ZXL1230
Descripción Electrónicos  Low-power push-pull outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1230 Datasheet(HTML) 4 Page - Integrated Device Technology

  9ZXL1230 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
9ZXL1230
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
IDT®
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
4
9ZXL1230
REV B 041112
Pin Descriptions
PIN #
PIN NA ME
TYPE
DESCRIPTION
1
GNDA
PWR
Ground pin for the PLL core.
2
NC
N/A
N o Connection.
3
100M_133M#
IN
3.3V Input to select operating frequency
See Functionality Table for Definition
4
HIBW_BYPM_LOBW#
IN
Trilevel input to select High BW, Bypass or Low BW mode.
See PLL Operating Mode Table for D etails.
5CKPWRGD_PD#
IN
N otifies device to sample latched inputs and start up on first high assertion, or exit Power Down Mode on
subsequent assertions. Low enters Power Down Mode.
6
GND
PWR
Ground pin.
7VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be treated as an analog power rail and
filtered appropriately.
8
DIF_IN
IN
0.7 V Differential TRUE input
9
DIF_IN#
IN
0.7 V Differential Complementary Input
10
SMB_A0_tri
IN
SMBus address bit. This is a tri-level input that w orks in conjunction with the SMB_A1 to decode 1 of 9
SMBus Addresses.
11
SMBDAT
I/O
D ata pin of SMBUS circuitry, 5V tolerant
12
SMBCLK
IN
C lock pin of SMBU S circuitry, 5V tolerant
13
SMB_A1_tri
IN
SMBus address bit. This is a tri-level input that w orks in conjunction with the SMB_A0 to decode 1 of 9
SMBus Addresses.
14
DFB_OUT_NC#
OUT
C omplementary half of differential feedback output, provides feedback signal to the PLL for synchronization
w ith input clock to eliminate phase error. This pin should NOT be connected on the circuit board, the feedback
is internal to the package.
15
DFB_OUT_NC
OUT
True half of differential feedback output, provides feedback signal to the PLL for synchronization with the input
clock to eliminate phase error. This pin should NOT be connected on the circuit board, the feedback is internal
to the package.
16
DIF_0
OUT
0.7V differential true clock output
17
DIF_0#
OUT
0.7V differential Complementary clock output
18
DIF_1
OUT
0.7V differential true clock output
19
DIF_1#
OUT
0.7V differential Complementary clock output
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
VDDIO
PWR
Power supply for differential outputs
23
DIF_2
OUT
0.7V differential true clock output
24
DIF_2#
OUT
0.7V differential Complementary clock output
25
OE2#
IN
Active low input for enabling DIF pair 2.
1 =disable outputs, 0 = enable outputs
26
DIF_3
OUT
0.7V differential true clock output
27
DIF_3#
OUT
0.7V differential Complementary clock output
28
VDDIO
PWR
Power supply for differential outputs
29
GND
PWR
Ground pin.
30
DIF_4
OUT
0.7V differential true clock output
31
DIF_4#
OUT
0.7V differential Complementary clock output


Número de pieza similar - 9ZXL1230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9ZXL1230AKLF RENESAS-9ZXL1230AKLF Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9ZXL1230AKLFT RENESAS-9ZXL1230AKLFT Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
More results

Descripción similar - 9ZXL1230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
9ZXL0831 IDT-9ZXL0831 Datasheet
349Kb / 18P
   Low-power push-pull outputs
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_15 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X_07 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X Datasheet
35Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X Datasheet
38Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_07 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808AD-1G4 TI1-UCC2808AD-1G4 Datasheet
505Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWN
logo
PCA ELECTRONICS INC.
EPC3126G-X PCA-EPC3126G-X_15 Datasheet
33Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com