Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9ZXL1230 Datasheet(PDF) 6 Page - Integrated Device Technology

No. de pieza 9ZXL1230
Descripción Electrónicos  Low-power push-pull outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1230 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9ZXL1230 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1230 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
9ZXL1230
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
IDT®
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
6
9ZXL1230
REV B 041112
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9ZXL1230. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–Clock Input Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage VDD, VDDA
VDD for core logic and PLL
4.6
V
1,2
IO Supply Voltage
VDD_IO
VDD for differential IO
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%, VDD_IO = 1.05 to 3.3V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage - DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
600
800
1150
mV
1
Input Low Voltage - DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
300
1000
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
1
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero


Número de pieza similar - 9ZXL1230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9ZXL1230AKLF RENESAS-9ZXL1230AKLF Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
9ZXL1230AKLFT RENESAS-9ZXL1230AKLFT Datasheet
422Kb / 19P
   12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
More results

Descripción similar - 9ZXL1230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
9ZXL0831 IDT-9ZXL0831 Datasheet
349Kb / 18P
   Low-power push-pull outputs
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_15 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X_07 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X Datasheet
35Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X Datasheet
38Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_07 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808AD-1G4 TI1-UCC2808AD-1G4 Datasheet
505Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWN
logo
PCA ELECTRONICS INC.
EPC3126G-X PCA-EPC3126G-X_15 Datasheet
33Kb / 1P
   Surface Mount Low Power Push-Pull Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com