Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16501A Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74LVT16501A
Descripción Electrónicos  3.3 V LVT 18-bit universal bus transceiver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16501A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT16501A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16501A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74LVT16501A_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 19 May 2006
4 of 19
Philips Semiconductors
74LVT16501A
3.3 V LVT 18-bit universal bus transceiver; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration
74LVT16501A
OEAB
GND
LEAB
CPAB
A0
B0
GND
GND
A1
B1
A2
B2
VCC
VCC
A3
B3
A4
B4
A5
B5
GND
GND
A6
B6
A7
B7
A8
B8
A9
B9
A10
B10
A11
B11
GND
GND
A12
B12
A13
B13
A14
B14
VCC
VCC
A15
B15
A16
B16
GND
GND
A17
B17
OEBA
CPBA
LEBA
GND
001aaf010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Table 3.
Pin description
Symbol
Pin
Description
OEAB
1
A-to-B output enable input
LEAB
2
A-to-B latch enable input
A0
3
data input or output A0
GND
4
ground (0 V)
A1
5
data input or output A1
A2
6
data input or output A2
VCC
7
voltage supply
A3
8
data input or output A3


Número de pieza similar - 74LVT16501A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADGG PHILIPS-74LVT16501ADGG Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501ADGG NEXPERIA-74LVT16501ADGG Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501ADL PHILIPS-74LVT16501ADL Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
More results

Descripción similar - 74LVT16501A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
Texas Instruments
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16601 TI1-SN54ALVTH16601_08 Datasheet
468Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com