Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT162244B Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74LVT162244B
Descripción Electrónicos  3.3V 16-bit buffer/driver with 30 termination resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162244B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT162244B_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT162244B_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT162244B
3.3V 16-bit buffer/driver with 30
termination resistors (3-State)
1998 Oct 07
6
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
nAx INPUT
VM
VM
nYx OUTPUT
VM
VM
tPLH
tPHL
SW00008
2.7V
0V
VOH
VOL
Waveform 1. Input (nAx) to Output (nYx) Propagation Delays
nOE INPUT
VM
VM
tPZH
tPHZ
nYx OUTPUT
VOH
VM
VM
nYx OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SW00009
0V
2.7V
Waveform 2. 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
RL
VCC
RL
OPEN
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
GND
6V
SW00003
Test Circuit for 3-State Outputs
TEST
SWITCH
tPHZ/tPZH
GND
tPLZ/tPZL
6V
tPLH/tPHL
open
SWITCH POSITION
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74LVT16
2.7V
≤10MHz
500ns
≤2.5ns ≤2.5ns


Número de pieza similar - 74LVT162244B_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT162244BDGG PHILIPS-74LVT162244BDGG Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
logo
Nexperia B.V. All right...
74LVT162244BDGG NEXPERIA-74LVT162244BDGG Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74LVT162244BDL PHILIPS-74LVT162244BDL Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com