Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVTH32245 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74LVTH32245
Descripción Electrónicos  3.3 V 32-bit bus transceiver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTH32245 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVTH32245_15 Datasheet HTML 3Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 9Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 10Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVTH32245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 January 2008
7 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
[1]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
11. Waveforms
tPZL
OFF-state to LOW propagation
delay
nOE to nAn or nBn; see Figure 6
VCC = 2.7 V
-
-
5.1
ns
VCC = 3.0 V to 3.6 V
1.0
2.8
4.1
ns
tPHZ
HIGH to OFF-state propagation
delay
nOE to nAn or nBn; see Figure 6
VCC = 2.7 V
-
-
5.7
ns
VCC = 3.0 V to 3.6 V
1.5
3.2
5.1
ns
tPLZ
LOW to OFF-state propagation
delay
nOE to nAn or nBn; see Figure 6
VCC = 2.7 V
-
-
4.6
ns
VCC = 3.0 V to 3.6 V
1.5
3.0
4.6
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Input to output propagation delays
mna477
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL


Número de pieza similar - 74LVTH32245_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVTH32245EC NXP-74LVTH32245EC Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Fairchild Semiconductor
74LVTH32245G FAIRCHILD-74LVTH32245G Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
More results

Descripción similar - 74LVTH32245_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com