Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFB3006PBF Datasheet(PDF) 9 Page - International Rectifier

No. de pieza IRFB3006PBF
Descripción Electrónicos  Hard Switched and High Frequency Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFB3006PBF Datasheet(HTML) 9 Page - International Rectifier

  IRFB3006PBF Datasheet HTML 1Page - International Rectifier IRFB3006PBF Datasheet HTML 2Page - International Rectifier IRFB3006PBF Datasheet HTML 3Page - International Rectifier IRFB3006PBF Datasheet HTML 4Page - International Rectifier IRFB3006PBF Datasheet HTML 5Page - International Rectifier IRFB3006PBF Datasheet HTML 6Page - International Rectifier IRFB3006PBF Datasheet HTML 7Page - International Rectifier IRFB3006PBF Datasheet HTML 8Page - International Rectifier IRFB3006PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 23, 2014
IRFB3006PbF
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
Qualification level
Moisture Sensitivity Level
TO-220
Not applicable
RoHS compliant
(per JEDEC JESD47F††guidelines)
Yes
Qualification information†
Industrial
Revision History
Date
Comment
• Updated data sheet with new IR corporate template.
• Updated package outline & part marking on page 8.
• Added bullet point in the Benefits "RoHS Compliant, Halogen -Free" on page 1.
4/23/2014


Número de pieza similar - IRFB3006PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
More results

Descripción similar - IRFB3006PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF Datasheet
249Kb / 8P
   Hard Switched and High Frequency Circuits
logo
Shenzhen Huazhimei Semi...
HM30N02D HMSEMI-HM30N02D Datasheet
867Kb / 6P
   Hard switched and high frequency circuits
HM45N02D HMSEMI-HM45N02D Datasheet
1Mb / 6P
   Hard switched and high frequency circuits
HM85N02 HMSEMI-HM85N02 Datasheet
841Kb / 6P
   Hard switched and high frequency circuits
logo
Analog Devices
AN-345 AD-AN-345 Datasheet
461Kb / 4P
   GROUNDING FOR LOW-AND HIGH-FREQUENCY CIRCUITS
logo
Power System Technology
FAB1204020 PST-FAB1204020 Datasheet
534Kb / 4P
   Industrial and hard environment
FAB0910001 PST-FAB0910001 Datasheet
649Kb / 3P
   Avionic and hard environment
FAB0706006 PST-FAB0706006 Datasheet
782Kb / 4P
   Industrial and hard environment
FAB0801004 PST-FAB0801004 Datasheet
279Kb / 3P
   Avionic and hard environment
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com