Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFB4019PBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRFB4019PBF
Descripción Electrónicos  Low QRR for Better THD and Lower EMI
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFB4019PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFB4019PBF Datasheet HTML 1Page - International Rectifier IRFB4019PBF Datasheet HTML 2Page - International Rectifier IRFB4019PBF Datasheet HTML 3Page - International Rectifier IRFB4019PBF Datasheet HTML 4Page - International Rectifier IRFB4019PBF Datasheet HTML 5Page - International Rectifier IRFB4019PBF Datasheet HTML 6Page - International Rectifier IRFB4019PBF Datasheet HTML 7Page - International Rectifier IRFB4019PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFB4019PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
5.0V
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM
5.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 175°C
5.0V
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM
5.0V
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 25V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ, Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
3.0
ID = 10A
VGS = 10V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
5
10
15
20
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 120V
VDS= 75V
VDS= 30V
ID= 10A


Número de pieza similar - IRFB4019PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF Datasheet
278Kb / 7P
   DIGITAL AUDIO MOSFET
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
More results

Descripción similar - IRFB4019PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Infineon Technologies A...
IKD04N60RFA INFINEON-IKD04N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD10N60RFA INFINEON-IKD10N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD03N60RFA INFINEON-IKD03N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD06N60RFA INFINEON-IKD06N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.2,2014-09-30
IKD15N60RFA INFINEON-IKD15N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Axiomtek Co., Ltd.
NA560 AXIOMTEK-NA560 Datasheet
234Kb / 1P
   Smart Fan for better thermal and acoustic performance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com