Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD2C111 Datasheet(PDF) 1 Page - Solid State Optronic

No. de pieza AD2C111
Descripción Electrónicos  Small 4 pin DIP package outline - reduces board space
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C111 Datasheet(HTML) 1 Page - Solid State Optronic

  AD2C111_15 Datasheet HTML 1Page - Solid State Optronic AD2C111_15 Datasheet HTML 2Page - Solid State Optronic AD2C111_15 Datasheet HTML 3Page - Solid State Optronic AD2C111_15 Datasheet HTML 4Page - Solid State Optronic AD2C111_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD2C111
1 Form A
Solid State Relay
The AD2C111 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of IR LED optically coupled to a IC that drives two
rugged source-to-source enhancement type DMOS transistors. The 4 pin DIP package offers the combination of reduced package size,
with 5kV input to output isolation.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Small 4 pin DIP package outline - reduces board space
High input-output isolation (5kVrms)
Low input control power consumption (2mA TYP)
130mA maximum continuous load current
30 ohms maximum on-resistance
Long life/high reliability
RoHS / Pb-Free / REACH Compliant
Reed relay replacement
Meter reading systems
Medical Equipment
Battery Monitoring
Multiplexers
Surface Mount Leadform Option (65pcs / tube
)
-S
Tape and Reel Packing Option (2,000 pcs / re
el)
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-40
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
50
Transient Input Current
(1us)
mA
1
Reverse Input Control
Voltage
V
5
Output Power Dissipation
mW
500
Solder Temperature -
Wave (10s)
°C
260
Solder Temperature - IR
Reflow (10s)
°C
260
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
www.ssousa.com • +1.408.293.4600
Page 1 of
5
AD2C111
rev 1.43 (2/4/2011)
© 2011 Solid State Optronics • San José, CA
UL / C-UL Approved: File # E201932
1
+ INPUT
- INPUT
LOAD
LOAD
2
4
3


Número de pieza similar - AD2C111_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
More results

Descripción similar - AD2C111_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
   Small 4 pin DIP/SMD package
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
   Small package saves board space
logo
Solid State Optronic
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
   Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
   Ultra miniature 4-pin small outline package
SAT450 SSOUSA-SAT450_15 Datasheet
378Kb / 8P
   Ultra Minature 4-Pin Small Outline Package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3022 SSOUSA-TDM3022 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com