Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2334 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de pieza 2SC2334
Descripción Electrónicos  Silicon NPN Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC2334 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC2334_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2SC2334
PACKAGE OUTLINE
Fig.2 Outline dimensions(unindicated tolerance:±0.10 mm)


Número de pieza similar - 2SC2334_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
More results

Descripción similar - 2SC2334_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com