Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC5230 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

No. de pieza STC5230
Descripción Electrónicos  Line Card Clock
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5230 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC5230_15 Datasheet HTML 2Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 3Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 4Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 5Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 6Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 7Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 8Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 9Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Page 6 of 64 TM102 Rev: 3.0
Date: September 14, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5230
Synchronous Clock for SETS
Data Sheet
STC5230 Pin Description
All I/O is LVCMOS, except for CLK0 and CLK8, which are LVPECL.
Table 1: Pin Description
Pin Name
Pin #
I/O
Description
Vdd33
6,22,31,
44,59,61,
69,80,
87,97
3.3V power input
Vss
3,13,15,
20,29,35,
41,56,64,
67,71,78,
82,88,95
Digital ground
TRST
94
I
JTAG boundary scan reset, active low
TCK
93
I
JTAG boundary scan clock
TMS
91
I
JTAG boundary scan mode selection
TDI
90
I
JTAG boundary scan data input
TDO
89
O
JTAG boundary scan data output
RESET
30
I
Active low to reset the chip
MCLK
99
I
Master clock input, 20 MHz
SPI_CS
45
I
SPI bus chip select (CS)
SPI_SCK
46
I
SPI bus clock input (SCLK)
SPI_SDI
50
I
SPI bus data input (SDI)
SPI_SDO
51
O
SPI bus data output (SDO)
EEP_SO
37
I/O
Optional external EEPROM SO
EEP_SI
36
I/O
Optional external EEPROM SI
EEP_SCK
34
I/O
Optional external EEPROM SCK
EEP_CS
33
I/O
Optional external EEPROM CS
EVENT_INTR
32
O
Event interrupt
REF1
2
I
Reference input 1
REF2
4
I
Reference input 2
REF3
5
I
Reference input 3
REF4
8
I
Reference input 4
REF5
10
I
Reference input 5
REF6
12
I
Reference input 6
REF7
14
I
Reference input 7
REF8
16
I
Reference input 8
REF9
17
I
Reference input 9
REF10
19
I
Reference input 10


Número de pieza similar - STC5230_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
STC5230-I CONNOR-WINFIELD-STC5230-I Datasheet
791Kb / 48P
   Synchronous Clock for SETS
More results

Descripción similar - STC5230_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
STC5415 CONNOR-WINFIELD-STC5415 Datasheet
783Kb / 48P
   Line Card Clock
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
   Dual Input Multiservice Line Card Adaptive Clock Translator
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com