Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STC5423 Datasheet(PDF) 6 Page - Connor-Winfield Corporation

No. de pieza STC5423
Descripción Electrónicos  Synchronous Clock for SETS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5423 Datasheet(HTML) 6 Page - Connor-Winfield Corporation

Back Button STC5423 Datasheet HTML 2Page - Connor-Winfield Corporation STC5423 Datasheet HTML 3Page - Connor-Winfield Corporation STC5423 Datasheet HTML 4Page - Connor-Winfield Corporation STC5423 Datasheet HTML 5Page - Connor-Winfield Corporation STC5423 Datasheet HTML 6Page - Connor-Winfield Corporation STC5423 Datasheet HTML 7Page - Connor-Winfield Corporation STC5423 Datasheet HTML 8Page - Connor-Winfield Corporation STC5423 Datasheet HTML 9Page - Connor-Winfield Corporation STC5423 Datasheet HTML 10Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Page 6 of 60
TM114
Rev:1.4
Date: October 24, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5423
Synchronous Clock for SETS
Data sheet
STC5423 Pin Description
All I/O is LVCMOS, except for CLK1 and CLK2, which are LVPECL/LVDS.
Table 1: Pin Description
Pin Name
Pin #
I/O
Description
AVCC
6,19,
3.3V analog power input
AGND
5, 20,
Analog ground
VCC
12, 13,
16, 33,
39, 50,
61, 85,
86, 91
3.3V power input
GND
1, 11, 14,
15, 32,
38, 49,
62, 84,
87, 92
Digital ground
TRST
2
I
JTAG boundary scan reset, active low
TCK
9
I
JTAG boundary scan clock
TMS
7
I
JTAG boundary scan mode selection
TDI
23
I
JTAG boundary scan data input
TDO
21
O
JTAG boundary scan data output
RST
74
I
Active low to reset the chip
MCLK
10
I
Master clock input (TCXO or OCXO)
EVENT_INTR
8
O
Event interrupt
REF1
46
I
Reference input 1
REF2
47
I
Reference input 2
CLK1_P
34
O
Clock output CLK1 positive. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1.
LVPECL or LVDS
CLK1_N
35
O
Clock output CLK1 negative. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G1.
LVPECL or LVDS
CLK2_P
36
O
Clock output CLK2 positive. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G2.
LVPECL or LVDS
CLK2_N
37
O
Clock output CLK2 negative.1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G2.
LVPECL or LVDS
CLK3
88
O
Clock output CLK3. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G3 or Synthe-
sizer GT4 (T4). LVCMOS.
CLK4
89
O
Clock output CLK4. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G4 or Synthe-
sizer GT4 (T4). LVCMOS.
CLK5
90
O
Clock output CLK5. 1MHz to 156.25MHz, in 1kHz steps, from Synthesizer G5 or Synthe-
sizer GT4 (T4). LVCMOS.


Número de pieza similar - STC5423

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
More results

Descripción similar - STC5423

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com