Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM391CN5 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza LM391CN5
Descripción Electrónicos  Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM391CN5 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM391CN5 Datasheet HTML 1Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 2Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 3Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 4Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 5Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 6Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 7Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C545N5
Issued Date : 2015.04.15
Revised Date : 2015.05.04
Page No. : 2/8
LM391CN5
CYStek Product Specification
Ordering Information
Part Number
Package
Shipping
LM391CN5-0-T1-G
SOT-23-5L
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 :3000 pcs/tape & reel, 7” reel
Product rank, zero for no rank products
Product name
Absolute Maximum Rating (@TA=25°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
±
18 or 36
V
Differential Input Voltage
VIDiff
36
V
Input Voltage
VI
-0.3 ~ 36
V
Power Dissipation
PD
570 (Note)
mW
Operating Temperature
Topr
-40 ~ +125
Storage Temperature
Tstg
-65 ~ +150
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
80
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
175 (Note )
°C/W
Note : Surface mounted on
1 in2 pad of 2 oz copper, t≤10s.
Electrical Characteristics (VCC=5V,Ta=25°C, RT=10k, all voltage referenced to ground unless
otherwise specified.)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Input Offset Voltage
VCM=0 to VCC-1.5
VO(p)=1.4V, Rs=0
VIO
-
±
1
±
5
mV
Input Offset Current
IIO
-
±
5
±
50
nA
Input Bias Current
Ib
-
65
250
nA
Input Common-Mode Voltage Range
VI
(R)
0
-
VCC-1.5
V
RL=∞
-
0.6
1.0
mA
Supply Current
RL=∞, VCC=30V
ICC
-
0.8
2.5
mA
Large Signal Voltage Gain
VCC=15V, RL>15kΩ
GV
50
200
-
V/mV
Large Signal Response Time
Vi=TTL logic wing
Vref=1.4V, VRL=5V
RL=5.1kΩ
tres
-
350
-
ns
Response Time
VRL=5V, RL=5.1kΩ
tres
-
1400
-
ns


Número de pieza similar - LM391CN5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM391 NSC-LM391 Datasheet
236Kb / 12P
   LM391 Audio Power Driver
logo
Seoul Semiconductor
LM391 SEOUL-LM391 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM391 SEOUL-LM391 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Descripción similar - LM391CN5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712D TI-TL712D Datasheet
927Kb / 16P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
   Differential Comparator
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com