Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

932SQ420D Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 932SQ420D
Descripción Electrónicos  64-pin TSSOP and MLF packages
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ420D Datasheet(HTML) 2 Page - Integrated Device Technology

  932SQ420D Datasheet HTML 1Page - Integrated Device Technology 932SQ420D Datasheet HTML 2Page - Integrated Device Technology 932SQ420D Datasheet HTML 3Page - Integrated Device Technology 932SQ420D Datasheet HTML 4Page - Integrated Device Technology 932SQ420D Datasheet HTML 5Page - Integrated Device Technology 932SQ420D Datasheet HTML 6Page - Integrated Device Technology 932SQ420D Datasheet HTML 7Page - Integrated Device Technology 932SQ420D Datasheet HTML 8Page - Integrated Device Technology 932SQ420D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
932SQ420D
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
IDT®
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
2
932SQ420D
REV J 010715
Pin Configuration - 64TSSOP
Spread Spectrum Control
Power Group Pin Numbers
932SQ420 Power Down Functionality
SMBCLK 1
64 SMBDAT
GND14 2
63 VDDCPU
AVDD14 3
62 CPU3T
VDD14 4
61 CPU3C
vREF14_3x/TEST_SEL 5
60 CPU2T
GND14 6
59 CPU2C
GNDXTAL 7
58 GNDCPU
X1_25 8
57 VDDCPU
X2_25 9
56 CPU1T
VDDXTAL10
55CPU1C
GN DPCI 11
54 CPU0T
VD DPCI 12
53 CPU0C
PCI4_2x 13
52 GNDNS
PCI3_2x 14
51 AVDD_NS_SAS
PCI2_2x 15
50 NS_SAS1T
PCI1_2x 16
49 NS_SAS1C
PCI0_2x 17
48 NS_SAS0T
GN DPCI 18
47 NS_SAS0C
VD DPCI 19
46 GNDNS
VDD4820
45VDDNS
^48M_2x/100M_133M# 21
44 NS_SRC1T
GND4822
43NS_SRC1C
GND9623
42NS_SRC0T
DOT96T 24
41 NS_SRC0C
DOT96C 25
40 IREF
AVDD96 26
39 GNDSRC
TEST_MODE 27
38 AVDD_SRC
CKPWR GD#/PD 28
37 VDDSRC
VDDSRC 29
36 SRC2T
SRC0T 30
35 SRC2C
SRC0C 31
34 SRC1T
GNDSRC 32
33 SRC1C
64-TSSOP
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
SS_Enable
(B1b0)
CPU, SRC &
PCI
0OFF
1ON
VDD
GND
VDD
GND
57
56
3
2
14MH z PLL Analog
58
60
4
6
REF14M Output and Logic
64
61
10
7
25MH z XTAL
2, 9
1, 8 12, 19 11, 18 PCI Outputs and Logic
10
12
20
22
48MH z Output and Logic
16
13
26
23
96MH z PLL Analog, Output and Logic
19, 27
22
29, 37
32
SRC Out puts and Logic
28
29
38
39
SRC PLL Analog
35
36
45
46
Non-Spreading Differential Outputs & Logic
41
42
51
52
NS-SAS/SRC PLL Analog
47, 53
48
57,63
58
CPU Out puts and Logic
MLF
Description
TSSOP
CK PWRGD#/PD
Differential
Outputs
Single-ended
Outputs
Single ended
Outputs w/Latch
1HI-Z
1
Low
Low
2
0
2. These outputs are Hi-Z after VDD is applied and before the first
assertion of CKPWR GD #.
Running
1. Hi-Z on the differential outputs w ill result in both True and
Complement being low due to the termination network


Número de pieza similar - 932SQ420D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ420DGLF RENESAS-932SQ420DGLF Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
logo
Integrated Device Techn...
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Renesas Technology Corp
932SQ420DGLFT RENESAS-932SQ420DGLFT Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ420DKLF RENESAS-932SQ420DKLF Datasheet
616Kb / 29P
   PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
More results

Descripción similar - 932SQ420D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
Integrated Circuit Syst...
9DBL411B ICST-9DBL411B Datasheet
90Kb / 9P
   20-pin MLF or TSSOP packaging
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
HALO Electronics, Inc.
LD01-0506KRL HALO-LD01-0506KRL Datasheet
508Kb / 2P
   16 Pin DIP and SMD Packages
logo
STMicroelectronics
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com