Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFG9110 Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRFG9110
Descripción Electrónicos  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRFG9110 Datasheet(HTML) 2 Page - International Rectifier

  IRFG9110 Datasheet HTML 1Page - International Rectifier IRFG9110 Datasheet HTML 2Page - International Rectifier IRFG9110 Datasheet HTML 3Page - International Rectifier IRFG9110 Datasheet HTML 4Page - International Rectifier IRFG9110 Datasheet HTML 5Page - International Rectifier IRFG9110 Datasheet HTML 6Page - International Rectifier IRFG9110 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFG9110
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
17
RthJA
Junction to Ambient
90
Typical socket mount
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-0.75
ISM
Pulse Source Current (Body Diode) ➀
-3.0
VSD
Diode Forward Voltage
-5.5
V
Tj = 25°C, IS = -0.75A, VGS = 0V ➃
trr
Reverse Recovery Time
200
nS
Tj = 25°C, IF = -0.75A, di/dt ≤-100A/µs
QRR Reverse Recovery Charge
9.0
µc
VDD ≤ -50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.098
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
1.4
VGS = -10V, ID = -0.5A➃
Resistance
1.73
VGS = -10V, ID = -0.75A ➃
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.67
S ( )
VDS > -15V, IDS = -0.5A➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS= -80V, VGS= 0V
-250
VDS = -80V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS =20V
Qg
Total Gate Charge
15
VGS = -10V, ID= -0.75A
Qgs
Gate-to-Source Charge
7.0
nC
VDS = -50V
Qgd
Gate-to-Drain (‘Miller’) Charge
8.0
td(on)
Turn-On Delay Time
30
VDD = -50V, ID = -0.75A
tr
Rise Time
60
VGS = -10V, RG =7.5Ω
td(off)
Turn-Off Delay Time
40
tf
Fall Time
40
LS + LD
Total Inductance
10
Ciss
Input Capacitance
200
VGS = 0V, VDS = -25V
Coss
Output Capacitance
85
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
30
nA
nH
ns
µA
Measured from drain lead (6mm/
0.25in. from package) to source lead
(6mm/0.25in. from package)
Note: Corresponding Spice and Saber models are available on the G&S Website.


Número de pieza similar - IRFG9110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFG9110 IRF-IRFG9110 Datasheet
218Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
More results

Descripción similar - IRFG9110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com