Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS1060FL Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

No. de pieza SS1060FL
Descripción Electrónicos  1.0A Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YENYO [YENYO TECHNOLOGY Co., Ltd]
Página de inicio  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SS1060FL Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SS1060FL Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SS1060FL Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
1/2
R1,MAY-15
SS1020FL THRU SS10100FL 
1.0A Schottky Barrier Rectifier 
YENYO
1. 封裝 Package  
封裝方式 Method: SOD‐123S 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
Fast switching speed 
Surface mount package ideally suited for automatic insertion 
Low power loss, high efficiency 
Lead‐free & halogen‐free parts, RoHS compliant  
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Molded Plastic 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Mounting position: Any 
Polarity: Color band denotes cathode end 
Weight: approx.. 0.0173 grams 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
 
PARAMETER 
Symbol 
SS1020FL 
SS1040FL 
SS1060FL 
SS10100FL 
UNITS 
Marking Code 
‐ 
G2 
G4 
G6 
G10 ‐ 
Reverse Voltage 
VR 
20 
40 
60 
100 
Volts 
Peak Reverse Voltage 
VRRM 
20 
40 
60 
100 
Volts 
Average Rectified Current TA=75
 O
IF(AV) 
1.0 
Amps 
Non‐repetitive Peak Forward Surge 
Current at t=8.3ms  
IFSM 
40.0 
Amps 
Max. Forward Voltage at 1.0A 
VF 
0.55 
0.70 
0.85 
Volts 
Reverse Leakage Current at VRRM   
IR 
50 
30 
ìA 
Typical Thermal Resistance, Junction 
to Ambient(Note 1) 
RÈJA 
88 
OC/W 
Operating Junction and Storage 
Temperature range 
TJ, TSTG 
‐55 ~ +125 
O
 
  
Notes: 
(1) Mounted with minimum recommended pas size, PC Board FR4. 
(2) TA=25
 OC unless otherwise specified. 
 
 
 
 
 
單位 Unit: millimeters


Número de pieza similar - SS1060FL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SS1060FL WTE-SS1060FL Datasheet
52Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1060FL PANJIT-SS1060FL Datasheet
119Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1060FL PANJIT-SS1060FL Datasheet
97Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS1060FL TAYCHIPST-SS1060FL Datasheet
2Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SS1060FL LUGUANG-SS1060FL Datasheet
220Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results

Descripción similar - SS1060FL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
   1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120 Datasheet
74Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com