Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8T73S208A-01 Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 8T73S208A-01
Descripción Electrónicos  One differential input reference clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Datasheet(HTML) 2 Page - Integrated Device Technology

  8T73S208A-01 Datasheet HTML 1Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 2Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 3Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 4Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 5Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
8T73S208A-01 DATA SHEET
2.5V, 3.3V DIFFERENTIAL LVPECL CLOCK DIVIDER AND BUFFER
2
REVISION 1 06/15/15
Pin Descriptions and Pin Characteristics
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refers to an internal input resistors. See Section, “Table 2. Pin Characteristics” values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1,
32
ADR1, ADR0
Input
Pulldown
I2C Address inputs. LVCMOS/LVTTL interface levels.
2, 7, 18, 23
VEE
Power
Negative supply pins.
3, 4
Q0, nQ0
Output
Differential output pair 0. LVPECL interface levels.
5, 6
Q1, nQ1
Output
Differential output pair 1. LVPECL interface levels.
8, 17
VCCO
Power
Output supply pins.
9, 10
Q2, nQ2
Output
Differential output pair 2. LVPECL interface levels.
11, 12
Q3, nQ3
Output
Differential output pair 3. LVPECL interface levels.
13, 14
Q4, nQ4
Output
Differential output pair 4. LVPECL interface levels.
15, 16
Q5, nQ5
Output
Differential output pair 5. LVPECL interface levels.
19, 20
Q6, nQ6
Output
Differential output pair 6. LVPECL interface levels.
21, 22
Q7, nQ7
Output
Differential output pair 7. LVPECL interface levels.
24,
25
FSEL0,
FSEL1
Input
Pulldown
Frequency divider select controls. See Table 3A for function.
LVCMOS/LVTTL interface levels.
26
IN
Input
Non-inverting differential clock input. RT = 50
 termination to V
T.
27
VT
Termination
Input
Input for termination. Both IN and nIN inputs are internally terminated 50
to this pin. See input termination information in Section, “Applications
Information”.
28
nIN
Input
Inverting differential clock input. RT = 50
 termination to V
T.
29
VCC
Power
Power supply pin.
30
SDA
I/O
Pullup
I2C Data Input/Output. Input: LVCMOS/LVTTL interface levels. Output:
open drain.
31
SCL
Input
Pullup
I2C Clock Input. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k


Número de pieza similar - 8T73S208A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
8T73S208A-01NLGI IDT-8T73S208A-01NLGI Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI8 IDT-8T73S208A-01NLGI8 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results

Descripción similar - 8T73S208A-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
   Differential reference clock input pair
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
   One reference LVCMOS output clock
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
   Differential clock input
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com