Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274-Q1
Descripción Electrónicos  TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC2274-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLC2274-Q1 Datasheet HTML 1Page - Texas Instruments TLC2274-Q1 Datasheet HTML 2Page - Texas Instruments TLC2274-Q1 Datasheet HTML 3Page - Texas Instruments TLC2274-Q1 Datasheet HTML 4Page - Texas Instruments TLC2274-Q1 Datasheet HTML 5Page - Texas Instruments TLC2274-Q1 Datasheet HTML 6Page - Texas Instruments TLC2274-Q1 Datasheet HTML 7Page - Texas Instruments TLC2274-Q1 Datasheet HTML 8Page - Texas Instruments TLC2274-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TLC2274-HT
www.ti.com
SGLS416 – JANUARY 2015
6.5 Electrical Characteristics, VDD = 5 V
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
300
2500
VIO
Input offset voltage
μV
Full range
3000
Temperature coefficient of
αVIO
25°C to 125°C
2
μV/°C
input offset voltage
Input offset voltage long-term
VIC = 0 V,
VDD± = ±2.5 V,
25°C
0.002
μV/mo
drift(2)
VO = 0 V,
RS = 50 Ω
25°C
0.5
60
IIO
Input offset current
pA
Full range
7000
25°C
1
IIB
Input bias current
pA
Full range
25°C
0 to 4
−0.3 to 4.2
Common-mode input voltage
VICR
RS = 50 Ω
|VIO| ≤ 5 mV
V
range
Full range
0 to 3.5
IOH = −20 μA
25°C
4.99
25°C
4.85
4.93
IOH = −200 μA
VOH
High-level output voltage
Full range
4.84
V
25°C
4.25
4.65
IOH = −1 mA
Full range
4.20
VIC = 2.5 V,
IOL = 50 μA
25°C
0.01
25°C
0.09
0.15
VIC = 2.5 V,
IOL = 500 μA
VOL
Low-level output voltage
Full range
0.16
V
25°C
0.9
1.5
VIC = 2.5 V,
IOL = 5 mA
Full range
1.6
25°C
10
35
RL = 10 kΩ
(3)
Large-signal differential voltage
VIC = 2.5 V,
AVD
Full range
8
V/mV
amplification
VO = 1 V to 4 V,
RL = 1 MΩ
(3)
25°C
175
Differential input resistance
rid
25°C
Ω
1012
Common-mode input
ri
25°C
Ω
1012
resistance
Common-mode input
f = 10 kHz,
N package
ci
25°C
8
pF
capacitance
zo
Closed-loop output impedance
f = 1 MHz,
AV = 10
25°C
140
Ω
VIC = 0 V to 2.7 V,
RS = 50 Ω
25°C
70
75
CMRR
Common-mode rejection ratio
dB
VO = 2.5 V,
Full range
69
VDD = 4.4 V to 16 V,
25°C
80
95
Supply voltage rejection ratio
kSVR
dB
(
ΔVDD/ΔVIO)
VIC = VDD/2,
No load
Full range
80
25°C
4.4
6
IDD
Supply current
VO = 2.5 V,
No load
mA
Full range
6
(1)
Full range is
−40°C to 150°C for thisl part.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
(3)
Referenced to 2.5 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLC2274-HT


Número de pieza similar - TLC2274-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274-Q1 TI1-TLC2274-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274-Q1 TI1-TLC2274-Q1 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274-Q1 TI1-TLC2274-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
TLC2274-Q1 TI-TLC2274-Q1 Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

Descripción similar - TLC2274-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272M-MIL TI1-TLC2272M-MIL Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272AM-MIL TI1-TLC2272AM-MIL Datasheet
925Kb / 32P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2274M-MIL TI1-TLC2274M-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com