Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2274-EP Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TLC2274-EP Datasheet(HTML) 5 Page - Texas Instruments |
5 / 29 page TLC2274-HT www.ti.com SGLS416 – JANUARY 2015 6.5 Electrical Characteristics, VDD = 5 V at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA (1) MIN TYP MAX UNIT 25°C 300 2500 VIO Input offset voltage μV Full range 3000 Temperature coefficient of αVIO 25°C to 125°C 2 μV/°C input offset voltage Input offset voltage long-term VIC = 0 V, VDD± = ±2.5 V, 25°C 0.002 μV/mo drift(2) VO = 0 V, RS = 50 Ω 25°C 0.5 60 IIO Input offset current pA Full range 7000 25°C 1 IIB Input bias current pA Full range 25°C 0 to 4 −0.3 to 4.2 Common-mode input voltage VICR RS = 50 Ω |VIO| ≤ 5 mV V range Full range 0 to 3.5 IOH = −20 μA 25°C 4.99 25°C 4.85 4.93 IOH = −200 μA VOH High-level output voltage Full range 4.84 V 25°C 4.25 4.65 IOH = −1 mA Full range 4.20 VIC = 2.5 V, IOL = 50 μA 25°C 0.01 25°C 0.09 0.15 VIC = 2.5 V, IOL = 500 μA VOL Low-level output voltage Full range 0.16 V 25°C 0.9 1.5 VIC = 2.5 V, IOL = 5 mA Full range 1.6 25°C 10 35 RL = 10 kΩ (3) Large-signal differential voltage VIC = 2.5 V, AVD Full range 8 V/mV amplification VO = 1 V to 4 V, RL = 1 MΩ (3) 25°C 175 Differential input resistance rid 25°C Ω 1012 Common-mode input ri 25°C Ω 1012 resistance Common-mode input f = 10 kHz, N package ci 25°C 8 pF capacitance zo Closed-loop output impedance f = 1 MHz, AV = 10 25°C 140 Ω VIC = 0 V to 2.7 V, RS = 50 Ω 25°C 70 75 CMRR Common-mode rejection ratio dB VO = 2.5 V, Full range 69 VDD = 4.4 V to 16 V, 25°C 80 95 Supply voltage rejection ratio kSVR dB ( ΔVDD/ΔVIO) VIC = VDD/2, No load Full range 80 25°C 4.4 6 IDD Supply current VO = 2.5 V, No load mA Full range 6 (1) Full range is −40°C to 150°C for thisl part. (2) Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. (3) Referenced to 2.5 V Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: TLC2274-HT |
Número de pieza similar - TLC2274-EP |
|
Descripción similar - TLC2274-EP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |