Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SAT400 Datasheet(PDF) 4 Page - Solid State Optronic

No. de pieza SAT400
Descripción Electrónicos  Small 4 pin DIP/SMD package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SSOUSA [Solid State Optronic]
Página de inicio  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT400 Datasheet(HTML) 4 Page - Solid State Optronic

  SAT400_15 Datasheet HTML 1Page - Solid State Optronic SAT400_15 Datasheet HTML 2Page - Solid State Optronic SAT400_15 Datasheet HTML 3Page - Solid State Optronic SAT400_15 Datasheet HTML 4Page - Solid State Optronic SAT400_15 Datasheet HTML 5Page - Solid State Optronic SAT400_15 Datasheet HTML 6Page - Solid State Optronic SAT400_15 Datasheet HTML 7Page - Solid State Optronic SAT400_15 Datasheet HTML 8Page - Solid State Optronic SAT400_15 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 10
SAT400/H/S/TR
Rev 2.00 (01/30/2013)
001552
SAT400
AC Input
60V
Photo-Transistor Optocoupler
Figure 7: Collector-Emitter Saturation Voltage (V
CE(SAT)) vs.
Temperature (°C)
SAT400 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
Figure 8: Collector Dark Current (ICEO) vs. Temperature (°C)
Figure 10: Frequency Response Characteristics
Figure 9: Response Times vs. Load Resistance (R
L)


Número de pieza similar - SAT400_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SAT400 SSOUSA-SAT400 Datasheet
599Kb / 5P
   AC Input Optocoupler
More results

Descripción similar - SAT400_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SAT800 SSOUSA-SAT800_15 Datasheet
471Kb / 10P
   Small 8 pin DIP/SMD package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C111 SSOUSA-AD2C111_15 Datasheet
246Kb / 5P
   Small 4 pin DIP package outline - reduces board space
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
   16 pin DIP/SMD package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com