Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2941QML-SP Datasheet(PDF) 4 Page - Texas Instruments |
|
LM2941QML-SP Datasheet(HTML) 4 Page - Texas Instruments |
4 / 15 page LM2941QML, LM2941QML-SP SNVS390B – AUGUST 2009 – REVISED APRIL 2013 www.ti.com Table 1. Quality Conformance Inspection Mil-Std-883, Method 5005 - Group A Subgroup Description Temp °C 1 Static tests at +25 2 Static tests at +125 3 Static tests at -55 4 Dynamic tests at +25 5 Dynamic tests at +125 6 Dynamic tests at -55 7 Functional tests at +25 8A Functional tests at +125 8B Functional tests at -55 9 Switching tests at +25 10 Switching tests at +125 11 Switching tests at -55 12 Settling time at +25 13 Settling time at +125 14 Settling time at -55 LM2941 Electrical Characteristics DC Parameters The following conditions apply, unless otherwise specified. DC: 5V ≤ VO ≤ 20V, VIN = VO+5V, CO = 22µF Sub- Parameter Test Conditions Notes Min Max Unit groups VRef 1.237 1.313 V 1 Reference Voltage 5mA ≤ IO ≤ 1A 1.211 1.339 V 2, 3 VRLine Line Regulation VO + 2V ≤ VIN ≤ 26V, IO = 5mA See(1) 10 mV/V 1, 2, 3 50mA ≤ IO ≤ 1A, VIN = 10V, 10 mV/V 1, 2, 3 VOUT = 5V VRLoad Load Regulation See(1) 50mA ≤ IO ≤ 1A, VIN = 25V, 10 mV/V 1, 2, 3 VOUT = 20V 15 mA 1 VO + 2V ≤ VIN ≤ 26V, IO = 5mA 20 mA 2, 3 IQ Quiescent Current 45 mA 1 VIN = VO + 5V, IO = 1A 60 mA 2, 3 0.8 V 1 IO = 1A 1.0 V 2, 3 VDO Dropout Voltage 200 mV 1 IO = 100mA 300 mV 2, 3 1.6 3.5 A 1 ISC Short Circuit Current VIN Max = 26V 1.3 3.7 A 2, 3 Maximum Operational Input 26 VDC 1, 2, 3 See(2) Voltage Reverse Polarity DC Input Voltage RO = 100Ω, VO ≥ -0.6V See(3) -15 V 1, 2, 3 VTH On ON/OFF Threshold Voltage ON IO ≤ 1A See(3) 0.8 V 1, 2, 3 VTh Off ON/OFF Threshold Voltage OFF IO ≤ 1A See(3) 2.00 V 1, 2, 3 100 µA 1 ON/OFF Threshold Current VON/OFF = 2.0V, IO ≤ 1A 300 µA 2, 3 (1) Limit = mV per volt of VO. (2) Condition for VIN (3) Functional test go-no-go only. 4 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM2941QML LM2941QML-SP |
Número de pieza similar - LM2941QML-SP_15 |
|
Descripción similar - LM2941QML-SP_15 |