Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR8256PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLR8256PBF
Descripción Electrónicos  Simple Drive Requirements
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLR8256PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR8256PBF_15 Datasheet HTML 1Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 2Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 3Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 4Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 5Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 6Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 7Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 8Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
08/02/11
IRLR8256PbF
IRLU8256PbF
HEXFET® Power MOSFET
Notes
 through † are on page 11
Applications
PD - 96208A
D-Pak
IRLR8256PbF
I-Pak
IRLU8256PbF
G
S
D
G
D
S
GD
S
Gate
Drain
Source
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l Lead-Free
l RoHS compliant
VDSS RDS(on) max
Qg
25V
5.7m
:
10nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
h
–––
2.4
RθJA
Junction-to-Ambient (PCB Mount)
–––
50
RθJA
Junction-to-Ambient
–––
110
V
°C
°C/W
W
A
0.42
31
300 (1.6mm from case)
-55 to + 175
63
Max.
81
f
57
f
325
± 20
25


Número de pieza similar - IRLR8256PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR8256PBF IRF-IRLR8256PBF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
More results

Descripción similar - IRLR8256PBF_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com