Nombre de pieza
         Descripción
MAX5942A

 IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices ( 24 Page)


MAXIM
100% 
Zoom Out Zoom In
 6 page
background image
IEEE 802.3af Power-Over-Ethernet
Interface/PWM Controller for Power Devices
6
_______________________________________________________________________________________
DETECTION CURRENT vs.
INPUT VOLTAGE
INPUT VOLTAGE (V)
8
6
4
2
0.10
0.20
0.30
0.40
0.05
0.15
0.25
0.35
0.45
0
010
RDISC = 25.5k
GND = V+ = V- = OUT
CLASSIFICATION CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
25
20
15
5
15
25
35
10
20
30
40
0
10
30
CLASS 0
CLASS 1
CLASS 2
CLASS 3
CLASS 4
EFFECTIVE DIFFERENTIAL INPUT
RESISTANCE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
15
10
5
0.5
1.5
2.5
1.0
2.0
3.0
3.5
0
0
OFFSET CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8
6
4
29
10
7
5
3
-2.0
-1.0
-3.0
-2.5
-1.5
-0.5
0
-3.5
111
NORMALIZED UVLO
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.996
1.004
0.992
0.994
1.000
1.008
1.002
0.998
1.006
1.010
0.990
-40
85
UVLO = VEE
PGOOD OUTPUT LOW VOLTAGE
vs. CURRENT
ISINK (mA)
16
12
48
40
20
80
120
160
60
100
140
180
200
0
020
PGOOD OUTPUT LOW VOLTAGE
vs. CURRENT
ISINK (mA)
16
12
8
4
50
100
200
300
150
250
350
400
0
020
OUT LEAKAGE CURRENT
vs. TEMPERATURE
INPUT VOLTAGE (V)
60
35
10
-15
4
8
12
16
20
0
-40
85
VOUT = 67V
INRUSH CURRENT CONTROL
(VIN = 12V)
MAX5942A/B toc09
VGATE
5V/div
IINRUSH
100mA/div
VOUT
10V/div
PGOOD
10V/div
1ms/div
Typical Operating Characteristics
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE, VDD = 13V, NDRV floating, TA = TMIN to TMAX.
Typical values are at TA = +25°C. All voltages are referenced to VEE (for graphs 1–11 in the Typical Operating Characteristics); all
voltages are referenced to V- (for graphs 12–30 in the Typical Operating Characteristics), unless otherwise noted.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MAX5940AIEEE 802.3af PD Interface Controller For Power-Over-Ethernet 1 2 3 4 5 MoreMaxim Integrated Products
MAX5941AIEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices 1 2 3 4 5 MoreMaxim Integrated Products
TPS2370IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET PoE POWERED DEVICES 1 2 3 4 5 MoreTexas Instruments
LTC4259AQuad IEEE 802.3af Power over Ethernet Controller with AC Disconnect 1 2 3 4 5 MoreLinear Technology
LTC4258Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection 1 2 3 4 5 MoreLinear Technology
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SI9161Optimized-Efficiency Controller for RF Power Amplifier Boost Converter 1 2 3 4 5 MoreVishay Siliconix
SI9160Controller for RF Power Amplifier Boost Converter 1 2 3 4 5 MoreVishay Siliconix
TPS5102DUAL HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER 1 2 3 4 5 MoreTexas Instruments
SC1110SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS 1 2 3 4 5 MoreSemtech Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl