Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSE2002GB2A1 Datasheet(PDF) 9 Page - Integrated Device Technology

No. de pieza TSE2002GB2A1
Descripción Electrónicos  Accurate timeout support
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

TSE2002GB2A1 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button TSE2002GB2A1 Datasheet HTML 5Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 6Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 7Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 8Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 9Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 10Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 11Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 12Page - Integrated Device Technology TSE2002GB2A1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9 of 30
July 17, 2012
Maximum RL Value vs. Bus Capacitance (CBUS) for an I
2C Bus
Select Address (SA0, SA1, SA2)
These input signals are used to set the value that is to be looked for on the three least significant bits (b3, b2, b1) of the 7-bit Slave Address. In the
end application, SA0, SA1 and SA2 must be directly (not through a pull-up or pull-down resistor) connected to VDDSPD or VSSSPD to establish the
Slave Address. When these inputs are not connected, an internal pull-down circuitry makes (SA0, SA1, SA2) = (0, 0, 0).
The SA0 input is used to detect the VHV voltage, when decoding an SWP or CWP instruction. Refer to the I2C Operating Modes table for decoding
details.
EVENT
The TSE2002GB2A1 EVENT pin is an open drain output that requires a pull-up to VDDSPD on the system motherboard or integrated into the
master controller. The TSE2002GB2A1 EVENT pin has three operating modes, depending on configuration settings and any current out-of-limit condi-
tions. These modes are Interrupt, Comparator, or TCRIT Only.
In Interrupt Mode the EVENT pin will remain asserted until it is released by writing a '1' to the “Clear Event” bit in the Status Register. The value to
write is independent of the EVENT polarity bit.
In Comparator Mode the EVENT pin will clear itself when the error condition that caused the pin to be asserted is removed. When the temperature
is compared against the TCRIT limit, then this mode is always used.
Finally, in the TCRIT Only Mode the EVENT pin will only be asserted if the measured temperature exceeds the TCRIT Limit. Once the pin has been
asserted, it will remain asserted until the temperature drops below the TCRIT Limit minus the TCRIT hysteresis. The next figure illustrates the opera-
tion of the different modes over time and temperature.
Systems that use the active high mode for EVENT must be wired point to point between the TSE2002GB2A1 and the sensing controller. Wire-OR
configurations should not be used with active high EVENT since any device pulling the EVENT signal low will mask the other devices on the bus. Also
note that the normal state of EVENT in active high mode is a 0 which will continually draw power through the pull-up resistor.


Número de pieza similar - TSE2002GB2A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
More results

Descripción similar - TSE2002GB2A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
TSE2004GB2B0 IDT-TSE2004GB2B0 Datasheet
1Mb / 31P
   Accurate timeout support
logo
Analog Devices
ADT7302 AD-ADT7302_17 Datasheet
280Kb / 17P
   Accurate, Micropower Digital Accurate, Micropower Digital
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
AVX Corporation
NJ28MA0502M AVX-NJ28MA0502M Datasheet
401Kb / 10P
   NTC Accurate Thermistors
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
logo
Torex Semiconductor
XC6130 TOREX-XC6130 Datasheet
501Kb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551_14 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com