Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME2056 Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME2056
Descripción Electrónicos  1A Single Cell Li-ion
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME2056 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME2056 Datasheet HTML 4Page - Analog Microelectronics AME2056 Datasheet HTML 5Page - Analog Microelectronics AME2056 Datasheet HTML 6Page - Analog Microelectronics AME2056 Datasheet HTML 7Page - Analog Microelectronics AME2056 Datasheet HTML 8Page - Analog Microelectronics AME2056 Datasheet HTML 9Page - Analog Microelectronics AME2056 Datasheet HTML 10Page - Analog Microelectronics AME2056 Datasheet HTML 11Page - Analog Microelectronics AME2056 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AME
8
1A Single Cell Li-ion
Battery Linear Charger
AME2056
Rev. B.01
n
Electrical Specifications
Typical values V
CC=5V with typical TA = 25
o
C, Unless otherwise specified.
Parameter
Symbol
Test Condition
Min
Typ
Max Units
VCC Operating Range
VCC
4.5
5.5
V
Supply Current
ICC
Charge mode, RPROG=1.2K
500.0
uA
Standby Current
ISTBY
Standby mode(charge end)
55
100
uA
Shutdown Current
ISHUT
Shutdown mode
(RPROG=NC, VCC<VBAT
or VCC<VUVLO)
55
100
uA
Float Voltage
VFLOAT
TA=25
oC, IBAT=40mA
4.158 4.2
4.242
V
SOT-25 / DFN-6D / DFN-8L
800.0
mA
SOP-8/PP / MSOP-8
1000
mA
IBAT1
RPROG=2.4KΩ, CC mode
VBAT=4V
450
500
550
mA
IBAT2
RPROG=1.2KΩ, CC mode
VBAT=4V
900 1000 1100
mA
IBAT3
Standby mode, VBAT=4.2V
-6
uA
IBAT4
Shutdown mode (RPROG=NC)
±2
uA
IBAT5
Sleep mode, VCC=0V
-2
uA
Trickle Charge Current
ITRIKL
VBAT<VTRIKL,RPROG=1.2KΩ
130
mA
Trickle Voltage
VTRIKL
RPROG=1.2KΩ, VBAT Rising
2.8
2.9
3
V
Trickle Voltage Hysteresis
VTRILK_HYS
60
80
100
mV
VCC UVLO Rising Threshold
Voltage
VUVLO
VCC:Low to High
3.5
3.7
3.9
V
VCC UVLO Hysteresis
VUVLO_HYS
150
200 300.0
mV
VCC:Low to High
60
100
140
mV
VCC:High to Low
5
30
50
mV
RPROG=2.4KΩ
70
mA
RPROG=1.2KΩ
130
mA
ITERM
C/10 Charge Termination Current
Threshold
Maximum Battery Current
IBAT(MAX)
BAT Pin Current
VASD
VCC-VBAT lockout Threshold
Voltage


Número de pieza similar - AME2056

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME20-12DCJZ AIMTEC-AME20-12DCJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SBJZ AIMTEC-AME20-12SBJZ Datasheet
553Kb / 4P
   AC-DC / DC-DC Converter
AME20-12SCJZ AIMTEC-AME20-12SCJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SJZ AIMTEC-AME20-12SJZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-12SVZ AIMTEC-AME20-12SVZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
More results

Descripción similar - AME2056

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Monolithic Power System...
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com