Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5249A Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME5249A
Descripción Electrónicos  1.5MHz, 600mA Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5249A Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5249A Datasheet HTML 4Page - Analog Microelectronics AME5249A Datasheet HTML 5Page - Analog Microelectronics AME5249A Datasheet HTML 6Page - Analog Microelectronics AME5249A Datasheet HTML 7Page - Analog Microelectronics AME5249A Datasheet HTML 8Page - Analog Microelectronics AME5249A Datasheet HTML 9Page - Analog Microelectronics AME5249A Datasheet HTML 10Page - Analog Microelectronics AME5249A Datasheet HTML 11Page - Analog Microelectronics AME5249A Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AME
8
1.5MHz, 600mA
Synchronous Buck Converter
AME5249A
Rev.A.01
n Electrical Specifications
V
IN=3.6V, EN=VIN, TA = 25
OC, unless otherwise noted
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
2.5
5.5
V
-3
3
-3
3
Output Voltage Accuracy (Adj)
∆VOUT
-3
3
Adjustable Output Range
VOUT
VFB
VIN-
0.2
V
0.588
0.6
0.612
0.585
0.6
0.615
Feedback Pin Bias Current
IFB
-50
50
nA
300
400
20
35
Shutdown Current
ISHDN
0.1
1
Reference Voltage Line Regulation
∆VFB
0.4
Output Voltage Line Regulation
REGLINE
0.4
Output Voltage Load Regulation
REGLOAD
0.5
%
High-side Switch On-Resistance
RDS,ON,HI
0.4
0.6
Low-side Switch On-Resistance
RDS,ON,LO
0.35
0.5
Switch Current Limit
ISW,CL
1
1.25
A
Switch Leakage Current
ISW,LK
0.01
1
µA
Switch Frequency
fOSC
1.2
1.5
1.8
Short Circuit Oscillator Frequency
fOSC,SCR
0.21
Maximum Duty Cycle
DMAX
100
%
MHz
VEN=0V, VSW=0V or 3.6V,
VIN=3.6V
VFB=0.6V or VOUT=100%
VFB=0V or VOUT=0V
Test Condition
VIN=2.5 to 5.5V, VOUT=1.0V~1.8V
PWM Mode
TA=-40
oC to +85oC
%
V
VIN=VOUT+
∆V to 5.5V (Note 1)
PWM Mode
VIN=VOUT+
∆V to 5.5V (Note 1)
VOUT=2.5V~3.3V, PWM Mode
TA=25
oC
IQ
Quiescent Current
VFB=0.5V or VOUT=90%,
IOUT=0A
VFB=0.62V or VOUT=103%,
IOUT=0A
∆VOUT
Output Voltage Accuracy
(for every fixed output voltage)
Feedback Voltage
VFB
µA
%/V
IOUT=100mA to 600mA
ISW=100mA
ISW=-100mA
VIN=3V, VOUT=1.2V
2.5≦VIN≦5.5V
VEN=0V, VIN=4.2V
2.5≦VIN≦5.5V


Número de pieza similar - AME5249A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
More results

Descripción similar - AME5249A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com