Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5251 Datasheet(PDF) 7 Page - Analog Microelectronics

No. de pieza AME5251
Descripción Electrónicos  Dual 1A, 1.5MHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5251 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME5251 Datasheet HTML 3Page - Analog Microelectronics AME5251 Datasheet HTML 4Page - Analog Microelectronics AME5251 Datasheet HTML 5Page - Analog Microelectronics AME5251 Datasheet HTML 6Page - Analog Microelectronics AME5251 Datasheet HTML 7Page - Analog Microelectronics AME5251 Datasheet HTML 8Page - Analog Microelectronics AME5251 Datasheet HTML 9Page - Analog Microelectronics AME5251 Datasheet HTML 10Page - Analog Microelectronics AME5251 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AME
7
AME5251
Rev.A.05
Dual 1A, 1.5MHz Synchronous
Step-Down Converter
n
Electrical Specifications
V
IN=3.6V, VOUT=2.5V, VFB=0.6V, L=2.2µH, CIN=4.7µF, COUT=10µF, TA=25
o
C, I
MAX=1A unless otherwise specified.
Note 1. Spec. for per channel
Parameter
Symbol
Min
Typ
Max
Units
Input voltage
VIN
2.5
5.5
V
Adjustable Output Range
Vout
VFB
VIN-0.2
V
Feedback Voltage
VFB
0.588
0.6
0.612
V
Feedback Pin Bias Current
IFB
-50
50
Quiescent Current
(For Adjustable Output Voltage)
IQ
20
40
µA
Shutdown Current
ISHDN
0.1
1
µA
Switch Frequency
fOSC
1.2
1.5
1.8
MHz
High-side Switch On-Resistance
RDS,ON, LHI
0.28
Low-side Switch On-Resistance
RDS,ON, LO
0.25
Switch Current Limit
ISW,CL
1.4
1.6
A
EN High (Enabled the Device)
VEN,HI
1.5
V
EN Low (Shutdown the Device)
VEN,LO
0.4
V
Input Undervoltage Lockout
VUVLO
1.8
V
Input Undervoltage Lockout
Hysteresis
VUVLO,HYST
0.1
V
Thermal Shutdown Temperature
OTP
160
oC
Maximum Duty Cycle
DMAX
100
%
SW Leakage Current
-1
1
µA
EN=0V, VIN=5.0V
VSW=0V or 5.0V
Test Condition
ISW=200mA, VIN=3.6V
For Adjustable OutputVoltage
VFB=VIN
IOUT=0mA, VFB=1V
VIN=2.5 to 5.5V
rising edge
Shutdown, temperature increasing
VEN=GND
ISW=200mA, VIN=3.6V
VIN=2.5 to 5.5V
VIN=2.5 to 5.5V


Número de pieza similar - AME5251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results

Descripción similar - AME5251

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com