Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD23202W10 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CSD23202W10
Descripción Electrónicos  CSD23202W10 12-V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD23202W10 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD23202W10_15 Datasheet HTML 4Page - Texas Instruments CSD23202W10_15 Datasheet HTML 5Page - Texas Instruments CSD23202W10_15 Datasheet HTML 6Page - Texas Instruments CSD23202W10_15 Datasheet HTML 7Page - Texas Instruments CSD23202W10_15 Datasheet HTML 8Page - Texas Instruments CSD23202W10_15 Datasheet HTML 9Page - Texas Instruments CSD23202W10_15 Datasheet HTML 10Page - Texas Instruments CSD23202W10_15 Datasheet HTML 11Page - Texas Instruments CSD23202W10_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M0151-01
SideView
0.62Max
Pin1
Mark
A
B
BottomView
SeatingPlate
0.50
A
B
SolderBall
±0.075
Ø0.31
1
1
2
2
TopView
FrontView
1.00
+0.00
–0.10
CSD23202W10
SLPS506 – AUGUST 2014
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 CSD23202W10 Package Dimensions
NOTE: All dimensions are in mm (unless otherwise specified).
Pin Configuration Table
POSITION
DESIGNATION
B1
Source
A1
Gate
A2, B2
Drain
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD23202W10


Número de pieza similar - CSD23202W10_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23202W10T TI1-CSD23202W10T Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
More results

Descripción similar - CSD23202W10_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com