Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5282 Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME5282
Descripción Electrónicos  Rectified Step-Down Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5282 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5282 Datasheet HTML 1Page - Analog Microelectronics AME5282 Datasheet HTML 2Page - Analog Microelectronics AME5282 Datasheet HTML 3Page - Analog Microelectronics AME5282 Datasheet HTML 4Page - Analog Microelectronics AME5282 Datasheet HTML 5Page - Analog Microelectronics AME5282 Datasheet HTML 6Page - Analog Microelectronics AME5282 Datasheet HTML 7Page - Analog Microelectronics AME5282 Datasheet HTML 8Page - Analog Microelectronics AME5282 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AME
4
2A, 300KHz ~ 2MHz Synchronous
Rectified Step-Down Converter
AME5282
Rev. A.02
n Ordering Information
AME5282 - x x x xxx
Pin Configuration
Package Type
Number of Pins
Output Voltage
A
1. COMP
Z: SOP/PP
A: 8
ADJ: Adjustable
(SOP-8/PP)
2. GND
V: DFN
(DFN-8C)
3. EN
4. IN
5. SW
6. SW
7. FREQ
8. FB
9. GND
Pin Configuration
Package Type
Number of Pins
Output Voltage


Número de pieza similar - AME5282

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
More results

Descripción similar - AME5282

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
   Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com