Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6952 Datasheet(PDF) 21 Page - Maxim Integrated Products

No. de pieza MAX6952
Descripción Electrónicos  4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6952 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6952 Datasheet HTML 13Page - Maxim Integrated Products MAX6952 Datasheet HTML 14Page - Maxim Integrated Products MAX6952 Datasheet HTML 15Page - Maxim Integrated Products MAX6952 Datasheet HTML 16Page - Maxim Integrated Products MAX6952 Datasheet HTML 17Page - Maxim Integrated Products MAX6952 Datasheet HTML 18Page - Maxim Integrated Products MAX6952 Datasheet HTML 19Page - Maxim Integrated Products MAX6952 Datasheet HTML 20Page - Maxim Integrated Products MAX6952 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
4-Wire Interfaced, 2.7V to 5.5V,
4-Digit 5 7 Matrix LED Display Driver
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
21 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
PACKAGE OUTLINE, 36L SSOP, 0.80 MM PITCH
1
1
21-0040
E
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
FRONT VIEW
MAX
0.011
0.104
0.017
0.299
0.013
INCHES
0.291
0.009
E
C
DIM
0.012
0.004
B
A1
MIN
0.096
A
0.23
7.40
7.60
0.32
MILLIMETERS
0.10
0.30
2.44
MIN
0.44
0.29
MAX
2.65
0.040
0.020
L
0.51
1.02
H
0.414
0.398
10.11
10.51
e
0.0315 BSC
0.80 BSC
D
0.612
0.598
15.20
15.55
H
E
A1
A
D
e
B
0-8
L
C
TOP VIEW
SIDE VIEW
1
36
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Número de pieza similar - MAX6952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6952 MAXIM-MAX6952 Datasheet
1Mb / 10P
   MAX6952 Evaluation Kit
Rev 3; 2/07
MAX6952EVKIT MAXIM-MAX6952EVKIT Datasheet
1Mb / 10P
   MAX6952 Evaluation Kit
Rev 3; 2/07
More results

Descripción similar - MAX6952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
MAX6953 MAXIM-MAX6953 Datasheet
404Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6852 MAXIM-MAX6852 Datasheet
489Kb / 32P
   4-Wire Interfaced, 5 x 7 Matrix Vacuum- Fluorescent Display Controller
Rev 1; 11/02
MAX6958 MAXIM-MAX6958 Datasheet
270Kb / 19P
   2-Wire Interfaced, 3V to 5.5V, 4-Digit, 9-Segment LED Display Drivers with Keyscan
Rev 0; 10/02
MAX6958 MAXIM-MAX6958_V01 Datasheet
685Kb / 19P
   2-Wire Interfaced, 3V to 5.5V, 4-Digit 9-Segment LED Display Drivers with Keyscan
2005
logo
ams AG
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com