Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6954 Datasheet(PDF) 33 Page - Maxim Integrated Products

No. de pieza MAX6954
Descripción Electrónicos  4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6954 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX6954 Datasheet HTML 29Page - Maxim Integrated Products MAX6954 Datasheet HTML 30Page - Maxim Integrated Products MAX6954 Datasheet HTML 31Page - Maxim Integrated Products MAX6954 Datasheet HTML 32Page - Maxim Integrated Products MAX6954 Datasheet HTML 33Page - Maxim Integrated Products MAX6954 Datasheet HTML 34Page - Maxim Integrated Products MAX6954 Datasheet HTML 35Page - Maxim Integrated Products MAX6954 Datasheet HTML 36Page - Maxim Integrated Products MAX6954 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
4-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
______________________________________________________________________________________
33
CONFIGURATION
CHOICE
Common-Cathode
Drive: Digit Type
00
a1
a1
1a
a1
a1
1a
a
a
a1
1a
a
01
a2
a2
a2
a2
——
a2
——
02
b
b
1b
b
b
1b
b
b
b
1b
b
03
c
c
1c
c
c
1c
c
c
c
1c
c
04
CC4
CC4
CC4
CC4
CC4
CC4
——
CC4
05
CC5
CC5
CC5
——
CC5
CC5
CC5
CC5
06
d1
d1
1d
d1
d1
1d
d
d
d1
1d
d
07
d2
d2
1dp
d2
d2
1dp
——
d2
1dp
08
e
e
1e
e
e
1e
e
e
e
1e
e
09
f
f
1f
f
f
1f
f
f
f
1f
f
010
g1
g1
1g
g1
g1
1g
g1
g1
g1
1g
g1
011
g2
g2
2a
g2
g2
2a
g2
g2
g2
2a
g2
012
h
h
2b
h
h
2b
h
h
h
2b
h
013
i
i
2c
i
i
2c
i
i
i
2c
i
014
j
j
2d
j
j
2d
j
j
j
2d
k
015
k
k
2e
k
k
2e
k
k
k
2e
l
016
l
l
2f
l
l
2f
l
l
l
2f
l
017
m
m
2g
m
m
2g
m
m
m
2g
m
018
dp
dp
2dp
dp
dp
2dp
dp
dp
dp
2dp
dp
ADDRESS
CODE (HEX)
0x0C
D7
D6
See Table 40.
D5
01
0
1
D4
0
0
1
1
D3
D2
See Table 38.
D1
D0
See Table 37.
Table 39. Slot 3 Configuration
*7-segment digits can be replaced by directly controlled discrete LEDs according to settings in decode mode register (Table 11).
**The highlighted row is used in Typical Operating Circuit 1 for display digits 4 and 5.


Número de pieza similar - MAX6954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6954APL MAXIM-MAX6954APL Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954APL MAXIM-MAX6954APL Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
More results

Descripción similar - MAX6954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com