Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6954 Datasheet(PDF) 36 Page - Maxim Integrated Products

No. de pieza MAX6954
Descripción Electrónicos  4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6954 Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button MAX6954 Datasheet HTML 30Page - Maxim Integrated Products MAX6954 Datasheet HTML 31Page - Maxim Integrated Products MAX6954 Datasheet HTML 32Page - Maxim Integrated Products MAX6954 Datasheet HTML 33Page - Maxim Integrated Products MAX6954 Datasheet HTML 34Page - Maxim Integrated Products MAX6954 Datasheet HTML 35Page - Maxim Integrated Products MAX6954 Datasheet HTML 36Page - Maxim Integrated Products MAX6954 Datasheet HTML 37Page - Maxim Integrated Products MAX6954 Datasheet HTML 38Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
4-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
36
______________________________________________________________________________________
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 0
O6
O7
O8
O9
O10
O2
O3
O4
O5
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O0
O11
O12
O13
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 2
O6
O7
O8
O9
O10
O0
O1
O4
O5
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O2
O11
O12
O13
3.3V
100nF
47
µF
O0
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
P0
P1
P2
P3
P4
ISET
OSC_OUT
OSC
V+
V+
GND
GND
DOUT
V+
GND
DIN
CLK
CS
BLINK
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 1
O6
O7
O8
O9
O10
O2
O3
O4
O5
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O1
O11
O12
O13
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 3
O6
O7
O8
O9
O10
O0
O1
O4
O5
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O3
O11
O12
O13
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 6
O4
O5
O8
O9
O10
O0
O1
O2
O3
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O6
O11
O12
O13
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 7
O4
O5
O8
O9
O10
O0
O1
O2
O3
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O7
O11
O12
O13
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 4
O6
O6
O8
O9
O10
O0
O1
O2
O3
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O4
O11
O12
O13
d2
a
g1
f
e
g2
a2
b
d1
c
DIGIT 5
O6
O7
O8
O9
O10
O0
O1
O2
O3
k
m
l
dp
h
j
i
O14
O15
O16
O17
O18
cc
O5
O11
O12
O13
MAX6954
56k
22pF
Typical Operating Circuits (continued)


Número de pieza similar - MAX6954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6954APL MAXIM-MAX6954APL Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954APL MAXIM-MAX6954APL Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
More results

Descripción similar - MAX6954

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com